Electronic Components Datasheet Search
  English  ▼

X  

2SC5454 Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC5454
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5454 Datasheet(HTML) 1 Page - California Eastern Labs

  2SC5454 Datasheet HTML 1Page - California Eastern Labs 2SC5454 Datasheet HTML 2Page - California Eastern Labs 2SC5454 Datasheet HTML 3Page - California Eastern Labs 2SC5454 Datasheet HTML 4Page - California Eastern Labs 2SC5454 Datasheet HTML 5Page - California Eastern Labs 2SC5454 Datasheet HTML 6Page - California Eastern Labs 2SC5454 Datasheet HTML 7Page - California Eastern Labs 2SC5454 Datasheet HTML 8Page - California Eastern Labs 2SC5454 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
FEATURE
•
High gain, low noise
•
Small reverse transfer capacitance
•
Can operate at low voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
50
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
SILICON TRANSISTOR
NE67739 / 2SC5454
NPN EPITAXIAL SILICON TRANSISTOR
4-PIN MINI MOLD
Document No. P13080EJ1V0DS00 (1st edition)
Date Published February 1998 N CP(K)
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
0.1
µA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE = 3 V, IC = 20 mANote 1
75
150
Gain Bandwidth Product
fT
VCE = 3 V, IC = 20 mA, f = 2 GHz
14.5
GHz
Reverse Transfer Capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHzNote 2
0.3
0.5
pF
Insertion Power Gain
|S21e|2
VCE = 3 V, IC = 20 mA, f = 2 GHz
10
12.0
dB
Noise Figure
NF
VCE = 3 V, IC = 5 mA, f = 2 GHz
1.5
2.5
dB
Notes 1. Pulse measurement PW
≤ 350
µs, duty cycle ≤ 2 %
2. Collector to base capacitance measured by capacitance meter (automatic balance bridge method) when
emitter pin is connected to the guard pin.
Because this product uses high-frequency process, avoid excessive input of static electricity, etc.
The information in this document is subject to change without notice.
PACKAGE DIMENSIONS (in mm)
5°
5°
5°
5°
2.8
+0.2
–0.3
1.5
+0.2
–0.1
PIN CONNECTIONS
1: Collector
2: Emitter
3: Base
4: Emitter
JEITA
Part No.


Similar Part No. - 2SC5454

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5454 NEC-2SC5454 Datasheet
79Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
logo
Renesas Technology Corp
2SC5454 RENESAS-2SC5454 Datasheet
188Kb / 14P
NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
2SC5454 RENESAS-2SC5454_15 Datasheet
188Kb / 14P
NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
More results

Similar Description - 2SC5454

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com