Electronic Components Datasheet Search
  English  ▼

X  

2SC5754 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC5754
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5754 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC5754 Datasheet HTML 1Page - California Eastern Labs 2SC5754 Datasheet HTML 2Page - California Eastern Labs 2SC5754 Datasheet HTML 3Page - California Eastern Labs 2SC5754 Datasheet HTML 4Page - California Eastern Labs 2SC5754 Datasheet HTML 5Page - California Eastern Labs 2SC5754 Datasheet HTML 6Page - California Eastern Labs 2SC5754 Datasheet HTML 7Page - California Eastern Labs 2SC5754 Datasheet HTML 8Page - California Eastern Labs 2SC5754 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet PU10008EJ02V0DS
2
NE664M04 / 2SC5754
ABSOLUTE MAXIMUM RATINGS (TA = +25°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
13
V
Collector to Emitter Voltage
VCEO
5.0
V
Emitter to Base Voltage
VEBO
1.5
V
I
t
n
e
rr
u
C
r
o
tc
el
lo
C
C
500
mA
Total Power Dissipation
PtotNote
735
mW
T
e
r
u
t
a
r
e
p
m
e
T
n
oi
tc
n
u
J
j
150
°
C
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
−
65 to +150
°
C
Note Mounted on 38 × 38 mm, t = 0.4 mm polyimide PCB
THERMAL RESISTANCE
Parameter
Symbol
Test Conditions
Ratings
Unit
Junction to Ambient Resistance
Rth j-a1
Mounted on 38 × 38 mm, t = 0.4 mm
polyimide PCB
170
°
C/W
Rth j-a2
Stand alone device in free air
570
°
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com