Electronic Components Datasheet Search
  English  ▼

X  

2SC5754 Datasheet(PDF) 7 Page - California Eastern Labs

Part # 2SC5754
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5754 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button 2SC5754 Datasheet HTML 3Page - California Eastern Labs 2SC5754 Datasheet HTML 4Page - California Eastern Labs 2SC5754 Datasheet HTML 5Page - California Eastern Labs 2SC5754 Datasheet HTML 6Page - California Eastern Labs 2SC5754 Datasheet HTML 7Page - California Eastern Labs 2SC5754 Datasheet HTML 8Page - California Eastern Labs 2SC5754 Datasheet HTML 9Page - California Eastern Labs 2SC5754 Datasheet HTML 10Page - California Eastern Labs 2SC5754 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet PU10008EJ02V0DS
7
POWER SUPPLY IMPEDANCE, LOAD IMPEDANCE (Recommended value)
Frequency
f (GHz)
Collector to Emitter Voltage
VCE (V)
Supply Impedance
ZS (Ω)
Load Impedance
ZL (Ω)
4
.
8
6
.
3
o
t
8
.
2
9
.
0
−
5.2 j
15.1 − 4.3 j
3
.
6
6
.
3
o
t
8
.
2
8
.
1
−
16.4 j
15.8 − 6.9 j
9
.
5
6
.
3
o
t
8
.
2
4
.
2
−
22.1 j
15.2 − 17.9 j
GND
GND
RF output line
RF input line
B
E
E
C
ZS
ZL
ZS
Tr.
ZL
f = 0.9 GHz
ZS
ZL
f = 1.8 GHz
ZS
ZL
f = 2.4 GHz
ZS
ZL
NE664M04 / 2SC5754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com