Electronic Components Datasheet Search
  English  ▼

X  

2SC5754 Datasheet(PDF) 9 Page - California Eastern Labs

Part # 2SC5754
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5754 Datasheet(HTML) 9 Page - California Eastern Labs

Back Button 2SC5754 Datasheet HTML 4Page - California Eastern Labs 2SC5754 Datasheet HTML 5Page - California Eastern Labs 2SC5754 Datasheet HTML 6Page - California Eastern Labs 2SC5754 Datasheet HTML 7Page - California Eastern Labs 2SC5754 Datasheet HTML 8Page - California Eastern Labs 2SC5754 Datasheet HTML 9Page - California Eastern Labs 2SC5754 Datasheet HTML 10Page - California Eastern Labs 2SC5754 Datasheet HTML 11Page - California Eastern Labs 2SC5754 Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet PU10008EJ02V0DS
9
EVALUATION CIRCUIT EXAMPLE : 1.8 GHz PA EVALUATION BOARD
PCB Pattern and Element Layout
C2
C1
C6
C4
RF in
RF out
VB
VC
4
L
S
1
L
S
SL2
Tr. (NE664M04 / 2SC5754)
SL3 SL5
Remarks 1. 38 × 38 mm, t = 0.4 mm,
εr
= 4.55 double-sided
copper-clad polyimide board
2. Back side : GND pattern
3. Solder plating on pattern
4.
: Through holes
Equivalent Circuit
VB
VC
Tr.
C5
C4
C2
C3
RF out
RF in
SL5
C6
C1
SL3
SL2
SL4
SL1
Parts List
n
oi
t
a
ci
fi
s
s
al
C
e
zi
S
e
ul
a
V
st
r
a
P
r
o
ti
c
a
p
a
c
pi
h
c
ci
m
a
r
e
c
r
e
y
al
pi
tl
u
M
F
p
8
1
6
C
,
1
C
r
o
ti
c
a
p
a
c
pi
h
c
ci
m
a
r
e
c
r
e
y
al
pi
tl
u
M
F
p
0
0
3
3
2
C
r
o
ti
c
a
p
a
c
pi
h
c
ci
m
a
r
e
c
r
e
y
al
pi
tl
u
M
F
p
3
3
C
r
o
ti
c
a
p
a
c
pi
h
c
ci
m
a
r
e
c
r
e
y
al
pi
tl
u
M
F
p
5
1
4
C
r
o
ti
c
a
p
a
c
pi
h
c
ci
m
a
r
e
c
r
e
y
al
pi
tl
u
M
F
p
5
.
1
5
C
e
ni
l
pi
rt
S
m
m
0
2
.
0
=
w
4
L
S
,
1
L
S
e
ni
l
pi
rt
S
m
m
5
.
2
=
l,
m
m
6
7
.
0
=
w
2
L
S
e
ni
l
pi
rt
S
m
m
5
=
l,
m
m
6
7
.
0
=
w
3
L
S
e
ni
l
pi
rt
S
m
m
5
.
1
=
l,
m
m
6
7
.
0
=
w
5
L
S
NE664M04 / 2SC5754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com