Electronic Components Datasheet Search
  English  ▼

X  

10BQ040 Datasheet(PDF) 3 Page - International Rectifier

Part # 10BQ040
Description  SCHOTTKY RECTIFIER, 1Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BQ040 Datasheet(HTML) 3 Page - International Rectifier

  10BQ040 Datasheet HTML 1Page - International Rectifier 10BQ040 Datasheet HTML 2Page - International Rectifier 10BQ040 Datasheet HTML 3Page - International Rectifier 10BQ040 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
269
10BQ040
Fig. 4 Max. Thermal Impedance ZthJL Characteristics
Fig. 2 Typical Values of Reverse Current Vs. Reverse
Voltage
Fig. 3 Typical Junction CapacitanceVs. Reverse Voltage
Fig. 1 Max. Forward Voltage Drop
Characteristics
10
100
1000
0
10
20
30
40
T = 25°C
J
Reverse Voltage - V (V)R
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
R
100°C
75°C
50°C
25°C
Reverse Voltage - V
(V)
125°C
T = 150°C
J
0.1
1
10
0.2
0.4
0.6
0.8
1.0
FM
Forward Voltage Drop - V
(V)
T = 125°C
T = 25°C
J
J
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1
Single Pulse
(Thermal Resistance)
t , Rectangular Pulse Duration (Seconds)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
2
t
1
t
P
DM
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
J
DM
thJC
C
2
1
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com