Electronic Components Datasheet Search
  English  ▼

X  

10BQ040 Datasheet(PDF) 1 Page - International Rectifier

Part # 10BQ040
Description  SCHOTTKY RECTIFIER, 1Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BQ040 Datasheet(HTML) 1 Page - International Rectifier

  10BQ040 Datasheet HTML 1Page - International Rectifier 10BQ040 Datasheet HTML 2Page - International Rectifier 10BQ040 Datasheet HTML 3Page - International Rectifier 10BQ040 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 Amp
267
SCHOTTKY RECTIFIER
10BQ040
PD - 2.397A
The 10BQ040 surface-mount Schottky rectifier has been de-
signed for applications requiring very low forward drop and
small foot prints on PC boards. Typical applications are in disk
drives, switching power supplies, converters, free-wheeling
diodes, battery charging and reverse battery protection.
• Small footprint, surface mountable
• Very low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long-term
reliability
Characteristics
10BQ040
Units
IF(AV) Rectangular
1.0
A
waveform
VRRM
40
V
IFSM @ tp = 5µs sine
430
A
VF @ 1.0Apk, TJ = 125°C
0.49
V
TJ
-55 to 150
°C
Major Ratings and Characteristics
Description / Features
SMB
CASE STYLE
CASE OUTLINE
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - 10BQ040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ040 IRF-10BQ040 Datasheet
244Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10BQ040 VISHAY-10BQ040 Datasheet
95Kb / 6P
Schottky Rectifier, 1.0 A
16-Apr-08
logo
Sangdest Microelectroni...
10BQ040 SMC-10BQ040 Datasheet
176Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
10BQ040 SMCDIODE-10BQ040 Datasheet
294Kb / 4P
10BQ040 SCHOTTKY RECTIFIER
Rev. B
logo
Vishay Siliconix
10BQ040M VISHAY-10BQ040M Datasheet
110Kb / 6P
Schottky Rectifiler, 1.0 A
29-May-12
More results

Similar Description - 10BQ040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ015 IRF-10BQ015 Datasheet
238Kb / 4P
SCHOTTKY RECTIFIER, 1Amp
10BQ060 IRF-10BQ060 Datasheet
209Kb / 4P
SCHOTTKY RECTIFIER, 1Amp
10BQ100 IRF-10BQ100 Datasheet
250Kb / 4P
SCHOTTKY RECTIFIER, 1Amp
logo
Sirectifier Global Corp...
SB140 SIRECT-SB140 Datasheet
214Kb / 2P
Power Schottky Rectifier - 1Amp 40~100Volt
SB140E SIRECT-SB140E Datasheet
227Kb / 2P
Power Schottky Rectifier - 1Amp 40~100Volt
SB140H SIRECT-SB140H Datasheet
227Kb / 2P
Power Schottky Rectifier - 1Amp 40~100Volt
SB1150 SIRECT-SB1150 Datasheet
222Kb / 2P
Power Schottky Rectifier - 1Amp 150~200Volt
SB1150H SIRECT-SB1150H Datasheet
222Kb / 2P
Power Schottky Rectifier - 1Amp 150~200Volt
SB140EH SIRECT-SB140EH Datasheet
184Kb / 3P
Power Schottky Rectifier - 1Amp 40~200Volt
MBR140 SIRECT-MBR140 Datasheet
184Kb / 3P
Power Schottky Rectifier - 1Amp 40~200Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com