Electronic Components Datasheet Search
  English  ▼

X  

10BQ040 Datasheet(PDF) 2 Page - International Rectifier

Part # 10BQ040
Description  SCHOTTKY RECTIFIER, 1Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BQ040 Datasheet(HTML) 2 Page - International Rectifier

  10BQ040 Datasheet HTML 1Page - International Rectifier 10BQ040 Datasheet HTML 2Page - International Rectifier 10BQ040 Datasheet HTML 3Page - International Rectifier 10BQ040 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
268
10BQ040
Part number
10BQ040
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Parameters
10BQ
Units
Conditions
TJ
Max.Junction Temperature Range
-55 to 100
°C
TSTG
Max. Storage Temperature Range
-55 to 100
°C
RthJA Max. Thermal Resistance, Junction
140
°C/W
DC operation — See Fig. 4
to Ambient
RthJL
Max. Thermal Resistance, Junction
36
°C/W
DC operation
to Lead 
wt
Approximate Weight
0.10
g
Case Style
SMB
Similar to DO-214AA
Parameters
10BQ
Units
Conditions
VFM
Max. Forward Voltage Drop
0.53
V
@ 1.0A
See Fig. 1
0.70
V
@ 2.0A
0.49
V
@ 1.0A
0.64
V
@ 2.0A
IRM
Max. Reverse Leakage Current
0.10
mA
TJ = 25°C
See Fig. 2
4.0
mA
TJ = 125°C
CT
Max. Junction Capacitance
80
pF
VR = 5VDC, (test signal range 100KHz to 1MHz) 25°C
L S
Typical Series Inductance
2.0
nH
Measured lead to lead 5mm from package body
dv/dt
Max. Voltage Rate of Change
5,300
V/µs
(Rated VR)
Parameters
10BQ Units Conditions
IF(AV)
Max. Average Forward Current
1.0
A
50% duty cycle @ TC = 112°C, rectangular waveform
See Fig. 5
IFSM
Max. Peak One Cycle Non - Repetitive
430
A
5µs Sine or 3µs Rect. pulse
Following any rated load condition
Surge Current — see Fig. 7
45
10ms Sine 0r 6ms Rect. pulse
and with rated VRRM applied.
EAS
Non - Repetitive Avalanche Energy
18
mJ
TJ = 25°C, IAS = 0.2A, L = 13mH
IAR
Repetitive Avalanche Current
0.2
A
Current decaying linearly to zero in 1µsec
Frequency limited by TJ max. VA = 1.5 X VR typical
Voltage Ratings
Absolute Maximum Ratings
TJ = 25°C
TJ = 125°C
VR = rated VR
Thermal-Mechanical Specifications
Electrical Specifications
Pulse Width < 300µs, Duty Cycle < 2%
 Mounted 1 inch square PCB, thermal probe connected to lead 2mm from package
40
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com