Electronic Components Datasheet Search
  English  ▼

X  

IR2132 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2132
Description  3-PHASE BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2132 Datasheet HTML 7Page - International Rectifier IR2132 Datasheet HTML 8Page - International Rectifier IR2132 Datasheet HTML 9Page - International Rectifier IR2132 Datasheet HTML 10Page - International Rectifier IR2132 Datasheet HTML 11Page - International Rectifier IR2132 Datasheet HTML 12Page - International Rectifier IR2132 Datasheet HTML 13Page - International Rectifier IR2132 Datasheet HTML 14Page - International Rectifier IR2132 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
IR2132
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL B-175
Figure 19A. Amplifier Slew Rate (+) vs. Temperature
Figure 19B. Amplifier Slew Rate (+) vs. Voltage
Figure 18A. Deadtime vs. Temperature
Figure 18B. Deadtime vs. Voltage
Figure 20A. Amplifier Slew Rate (-) vs. Temperature
Figure 20B. Amplifier Slew Rate (-) vs. Voltage
0.0
2.0
4.0
6.0
8.0
10.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0.0
2.0
4.0
6.0
8.0
10.0
10
12
14
16
18
20
VCC Supply Voltage (V)
Min.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Supply Voltage (V)
Min.
Typ.
0.00
0.50
1.00
1.50
2.00
2.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Max.
0.00
0.50
1.00
1.50
2.00
2.50
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
Min.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com