Electronic Components Datasheet Search
  English  ▼

X  

IR2132 Datasheet(PDF) 12 Page - International Rectifier

Part # IR2132
Description  3-PHASE BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2132 Datasheet HTML 8Page - International Rectifier IR2132 Datasheet HTML 9Page - International Rectifier IR2132 Datasheet HTML 10Page - International Rectifier IR2132 Datasheet HTML 11Page - International Rectifier IR2132 Datasheet HTML 12Page - International Rectifier IR2132 Datasheet HTML 13Page - International Rectifier IR2132 Datasheet HTML 14Page - International Rectifier IR2132 Datasheet HTML 15Page - International Rectifier IR2132 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
IR2132
B-176 CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
Figure 22A. Logic “1” Input Threshold vs. Temperature
Figure 22B. Logic “1” Input Threshold vs. Voltage
Figure 21A. Logic “0” Input Threshold vs. Temperature
Figure 20B. Logic “0” Input Threshold vs. Voltage
Figure 23A. ITRIP Input Positive Going Threshold
vs. Temperature
Figure 23B. ITRIP Input Positive Going Threshold
vs. Voltage
0
150
300
450
600
750
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Max.
0
150
300
450
600
750
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
Min.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Supply Voltage (V)
Min.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com