Electronic Components Datasheet Search
  English  ▼

X  

IR2132 Datasheet(PDF) 20 Page - International Rectifier

Part # IR2132
Description  3-PHASE BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132 Datasheet(HTML) 20 Page - International Rectifier

Back Button IR2132 Datasheet HTML 13Page - International Rectifier IR2132 Datasheet HTML 14Page - International Rectifier IR2132 Datasheet HTML 15Page - International Rectifier IR2132 Datasheet HTML 16Page - International Rectifier IR2132 Datasheet HTML 17Page - International Rectifier IR2132 Datasheet HTML 18Page - International Rectifier IR2132 Datasheet HTML 19Page - International Rectifier IR2132 Datasheet HTML 20Page - International Rectifier IR2132 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
IR2132
B-184 CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
Figure 48A. Amplifier Output High Short Circuit
Current vs. Temperature
Figure 48B. Amplifier Output High Short Circuit
Current vs. Voltage
Figure 47A. Amplifier Output Sink Current vs.
Temperature
Figure 47B. Amplifier Output Sink Current vs. Voltage
Figure 49A. Amplifier Output Low Short Circuit Current
vs. Temperature
Figure 49B. Amplifier Output Low Short Circuit Current
vs. Voltage
0.0
3.0
6.0
9.0
12.0
15.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0.0
3.0
6.0
9.0
12.0
15.0
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
0.0
3.0
6.0
9.0
12.0
15.0
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0.0
3.0
6.0
9.0
12.0
15.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Supply Voltage (V)
Typ.
Min.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com