Electronic Components Datasheet Search
  English  ▼

X  

TMP06 Datasheet(PDF) 5 Page - Analog Devices

Part # TMP06
Description  0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06 Datasheet(HTML) 5 Page - Analog Devices

  TMP06_15 Datasheet HTML 1Page - Analog Devices TMP06_15 Datasheet HTML 2Page - Analog Devices TMP06_15 Datasheet HTML 3Page - Analog Devices TMP06_15 Datasheet HTML 4Page - Analog Devices TMP06_15 Datasheet HTML 5Page - Analog Devices TMP06_15 Datasheet HTML 6Page - Analog Devices TMP06_15 Datasheet HTML 7Page - Analog Devices TMP06_15 Datasheet HTML 8Page - Analog Devices TMP06_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
TMP05/TMP06
Rev. C | Page 5 of 28
TMP05B/TMP06B SPECIFICATIONS
All B grade specifications apply for –40°C to +150°C; VDD decoupling capacitor is a 0.1 µF multilayer ceramic; TA = TMIN to TMAX,
VDD = 3 V to 5.5 V, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Nominal Conversion Rate (One Shot Mode)
See Table 7
Accuracy1
@ V
DD = 3.3 V (±5%)
±0.2
±1
°C
T
A = 0°C to 70°C, VDD = 3.135 V to 3.465 V
@ V
DD = 5 V (±10%)
±0.4
−1/+1.5
°C
T
A = 0°C to 70°C, VDD = 4.5 V to 5.5 V
@ V
DD = 3.3 V (±10%) and 5 V (±10%)
±1.5
°C
T
A = –40°C to +70°C, VDD = 3.0 V to 3.6 V,
V
DD = 4.5 V to 5.5 V
±2
°C
T
A = –40°C to +100°C, VDD = 3.0 V to 3.6 V,
V
DD = 4.5 V to 5.5 V
±2.5
°C
T
A = –40°C to +125°C, VDD = 3.0 V to 3.6 V,
V
DD = 4.5 V to 5.5 V
±4.52
°C
T
A = –40°C to +150°C, VDD = 3.0 V to 3.6 V,
V
DD = 4.5 V to 5.5 V
Temperature Resolution
0.025
°C/5 µs
Step size for every 5 µs on T
L
T
H Pulse Width
34
ms
T
A = 25°C, nominal conversion rate
T
L Pulse Width
65
ms
T
A = 25°C, nominal conversion rate
Quarter Period Conversion Rate
(All Operating Modes)
See Table 7
Accuracy1
@ V
DD = 3.3 V (3.0 V to 3.6 V)
±1.5
°C
T
A = –40°C to +150°C
@ V
DD = 5.0 V (4.5 V to 5.5 V)
±1.5
°C
T
A = –40°C to +150°C
Temperature Resolution
0.1
°C/5 µs
Step size for every 5 µs on T
L
T
H Pulse Width
8.5
ms
T
A = 25°C, QP conversion rate
T
L Pulse Width
16
ms
T
A = 25°C, QP conversion rate
Double High/Quarter Low Conversion Rate
(All Operating Modes)
See Table 7
Accuracy1
@ V
DD = 3.3 V (3.0 V to 3.6 V)
±1.5
°C
T
A = –40°C to +150°C
@ V
DD = 5 V (4.5 V to 5.5 V)
±1.5
°C
T
A = –40°C to +150°C
Temperature Resolution
0.1
°C/5 µs
Step size for every 5 µs on T
L
T
H Pulse Width
68
ms
T
A = 25°C, DH/QL conversion rate
T
L Pulse Width
16
ms
T
A = 25°C, DH/QL conversion rate
Long-Term Drift
0.081
°C
Drift over 10 years, if part is operated at 55°C
Temperature Hysteresis
0.0023
°C
Temperature cycle = 25°C to 100°C to 25°C
SUPPLIES
Supply Voltage
3
5.5
V
Supply Current
Normal Mode3
@ 3.3 V
370
600
µA
Nominal conversion rate
@ 5.0 V
425
650
µA
Nominal conversion rate
Quiescent3
@ 3.3 V
3
12
µA
Device not converting, output is high
@ 5.0 V
5.5
20
µA
Device not converting, output is high
One Shot Mode @ 1 SPS
30.9
µA
Average current @ V
DD = 3.3 V,
nominal conversion rate @ 25°C
37.38
µA
Average current @ V
DD = 5.0 V,
nominal conversion rate @ 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com