Electronic Components Datasheet Search
  English  ▼

X  

TMP06 Datasheet(PDF) 1 Page - Analog Devices

Part # TMP06
Description  0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06 Datasheet(HTML) 1 Page - Analog Devices

  TMP06_15 Datasheet HTML 1Page - Analog Devices TMP06_15 Datasheet HTML 2Page - Analog Devices TMP06_15 Datasheet HTML 3Page - Analog Devices TMP06_15 Datasheet HTML 4Page - Analog Devices TMP06_15 Datasheet HTML 5Page - Analog Devices TMP06_15 Datasheet HTML 6Page - Analog Devices TMP06_15 Datasheet HTML 7Page - Analog Devices TMP06_15 Datasheet HTML 8Page - Analog Devices TMP06_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
±0.5°C Accurate PWM
Temperature Sensor in 5-Lead SC-70
Data Sheet
TMP05/TMP06
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Modulated serial digital output, proportional to
temperature
±0.5°C typical accuracy at 25°C
±1.0°C accuracy from 0°C to 70°C
Two grades available
Operation from −40°C to +150°C
Operation from 3 V to 5.5 V
Power consumption 70 μW maximum at 3.3 V
CMOS-/TTL-compatible output on TMP05
Flexible open-drain output on TMP06
Small, low cost, 5-lead SC-70 and SOT-23 packages
APPLICATIONS
Isolated sensors
Environmental control systems
Computer thermal monitoring
Thermal protection
Industrial process control
Power-system monitors
FUNCTIONAL BLOCK DIAGRAM
VDD
TMP05/TMP06
OUT
CONV/IN
FUNC
GND
1
3
5
4
TEMPERATURE
SENSOR
REFERENCE
CLK AND
TIMING
GENERATION
OUTPUT
CONTROL
AVERAGING
BLOCK/
COUNTER
2
Σ-∆
CORE
Figure 1.
GENERAL DESCRIPTION
The TMP05/TMP06 are monolithic temperature sensors that
generate a modulated serial digital output (PWM), which varies
in direct proportion to the temperature of the devices. The high
period (TH) of the PWM remains static over all temperatures,
while the low period (TL) varies. The B Grade version offers a
high temperature accuracy of ±1°C from 0°C to 70°C with
excellent transducer linearity. The digital output of the TMP05/
TMP06 is CMOS-/TTL-compatible and is easily interfaced to
the serial inputs of most popular microprocessors. The flexible
open-drain output of the TMP06 is capable of sinking 5 mA.
The TMP05/TMP06 are specified for operation at supply voltages
from 3 V to 5.5 V. Operating at 3.3 V, the supply current is typically
370 μA. The TMP05/TMP06 are rated for operation over the –40°C
to +150°C temperature range. It is not recommended to operate
these devices at temperatures above 125°C for more than a total
of 5% (5,000 hours) of the lifetime of the devices. They are
packaged in low cost, low area SC-70 and SOT-23 packages.
The TMP05/TMP06 have three modes of operation: continu-
ously converting mode, daisy-chain mode, and one shot mode.
A three-state FUNC input determines the mode in which the
TMP05/TMP06 operate.
The CONV/IN input pin is used to determine the rate at which
the TMP05/TMP06 measure temperature in continuously
converting mode and one shot mode. In daisy-chain mode, the
CONV/IN pin operates as the input to the daisy chain.
PRODUCT HIGHLIGHTS
1.
The TMP05/TMP06 have an on-chip temperature sensor
that allows an accurate measurement of the ambient
temperature. The measurable temperature range is
–40°C to +150°C.
2.
Supply voltage is 3 V to 5.5 V.
3.
Space-saving 5-lead SOT-23 and SC-70 packages.
4.
Temperature accuracy is typically ±0.5°C. Each part needs
a decoupling capacitor to achieve this accuracy.
5.
Temperature resolution of 0.025°C.
6.
The TMP05/TMP06 feature a one shot mode that reduces
the average power consumption to 102 μW at 1 SPS.


Similar Part No. - TMP06_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP06AKS-500RL7 AD-TMP06AKS-500RL7 Datasheet
706Kb / 28P
짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
8/04-Revision 0
TMP06AKS-REEL AD-TMP06AKS-REEL Datasheet
706Kb / 28P
짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
8/04-Revision 0
TMP06AKS-REEL7 AD-TMP06AKS-REEL7 Datasheet
706Kb / 28P
짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
8/04-Revision 0
TMP06AKSZ-500RL7 AD-TMP06AKSZ-500RL7 Datasheet
706Kb / 28P
짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
8/04-Revision 0
TMP06AKSZ-REEL AD-TMP06AKSZ-REEL Datasheet
706Kb / 28P
짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
8/04-Revision 0
More results

Similar Description - TMP06_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
TMP05 AD-TMP05 Datasheet
706Kb / 28P
짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
8/04-Revision 0
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. C
logo
Texas Instruments
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
2.4-V, 10-關A, SC-70 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com