Electronic Components Datasheet Search
  English  ▼

X  

TMP06 Datasheet(PDF) 6 Page - Analog Devices

Part # TMP06
Description  0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06 Datasheet(HTML) 6 Page - Analog Devices

Back Button TMP06_15 Datasheet HTML 2Page - Analog Devices TMP06_15 Datasheet HTML 3Page - Analog Devices TMP06_15 Datasheet HTML 4Page - Analog Devices TMP06_15 Datasheet HTML 5Page - Analog Devices TMP06_15 Datasheet HTML 6Page - Analog Devices TMP06_15 Datasheet HTML 7Page - Analog Devices TMP06_15 Datasheet HTML 8Page - Analog Devices TMP06_15 Datasheet HTML 9Page - Analog Devices TMP06_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TMP05/TMP06
Data Sheet
Rev. C | Page 6 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Power Dissipation
803.33
µW
V
DD = 3.3 V, continuously converting at
nominal conversion rates @ 25°C
1 SPS
101.9
µW
Average power dissipated for V
DD = 3.3 V,
one shot mode @ 25°C
186.9
µW
Average power dissipated for V
DD = 5.0 V,
one shot mode @ 25°C
TMP05 OUTPUT (PUSH-PULL)4
Output High Voltage (V
OH)
V
DD − 0.3
V
I
OH = 800 µA
Output Low Voltage (V
OL)
0.4
V
I
OL = 800 µA
Output High Current (I
OUT)
5
2
mA
Typical V
OH = 3.17 V with VDD = 3.3 V
Pin Capacitance
10
pF
Rise Time (t
LH)
6
50
ns
Fall Time (t
HL)
6
50
ns
R
ON Resistance (Low Output)
55
Ω
Supply and temperature dependent
TMP06 OUTPUT (OPEN DRAIN)4
Output Low Voltage (V
OL)
0.4
V
I
OL = 1.6 mA
Output Low Voltage (V
OL)
1.2
V
I
OL = 5.0 mA
Pin Capacitance
10
pF
High Output Leakage Current (I
OH)
0.1
5
µA
PWM
OUT = 5.5 V
Device Turn-On Time
20
ms
Fall Time (t
HL)
7
30
ns
R
ON Resistance (Low Output)
55
Ω
Supply and temperature dependent
DIGITAL INPUTS4
Input Current
±1
µA
V
IN = 0 V to VDD
Input Low Voltage (V
IL)
0.3 × V
DD
V
Input High Voltage (V
IH)
0.7 × V
DD
V
Pin Capacitance
3
10
pF
1 The accuracy specifications for 3.0 V to 3.6 V and 4.5 V to 5.5 V supply ranges are specified to 3-Σ performance.
2 It is not recommended to operate the device at temperatures above 125°C for more than a total of 5% (5,000 hours) of the lifetime of the device. Any exposure beyond
this limit affects device reliability.
3 Normal mode current relates to current during T
L. TMP05/TMP06 are not converting during TH, so quiescent current relates to current during TH.
4 Guaranteed by design and characterization, not production tested.
5 It is advisable to restrict the current being pulled from the TMP05 output because any excess currents going through the die cause self-heating. As a consequence,
false temperature readings can occur.
6 Test load circuit is 100 pF to GND.
7 Test load circuit is 100 pF to GND, 10 kΩ to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com