Electronic Components Datasheet Search
  English  ▼

X  

TMP12 Datasheet(PDF) 6 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 6 Page - Analog Devices

Back Button TMP12_15 Datasheet HTML 2Page - Analog Devices TMP12_15 Datasheet HTML 3Page - Analog Devices TMP12_15 Datasheet HTML 4Page - Analog Devices TMP12_15 Datasheet HTML 5Page - Analog Devices TMP12_15 Datasheet HTML 6Page - Analog Devices TMP12_15 Datasheet HTML 7Page - Analog Devices TMP12_15 Datasheet HTML 8Page - Analog Devices TMP12_15 Datasheet HTML 9Page - Analog Devices TMP12_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
TMP12
–6–
Figure 4 shows the TMP12’s hysteresis profile. The hysteresis is
programmed by the user by setting a specific load current on the
reference voltage output, VREF. This output current, IREF, is also
called the hysteresis current. IREF is mirrored internally by the
TMP12, as shown in the Functional Block Diagram, and is
fed to a buffer with an analog switch.
HYSTERESIS
LOW
HYSTERESIS
HIGH
HYSTERESIS HIGH =
HYSTERESIS LOW
TEMPERATURE
TSETLOW
TSETHIGH
HI
LO
OUTPUT
VOLTAGE
OVER, UNDER
Figure 4. Hysteresis Profile
After a temperature setpoint has been exceeded and a compara-
tor tripped, the hysteresis buffer output is enabled. The result is
a current of the appropriate polarity, which generates a hyster-
esis offset voltage across an internal 1 k
Ω resistor at the
comparator input. The comparator output remains on until the
voltage at the comparator input, now equal to the temperature
sensor voltage VPTAT summed with the hysteresis effect,
returns to the programmed setpoint voltage. The comparator
then returns LOW, deactivating the open-collector output and
disabling the hysteresis current buffer output. The scale factor
for the programmed hysteresis current is
II
A
C
A
VREF
==
° +
57
µµ
/
Thus, since VREF = 2.5 V, a reference load resistance of 357 k
Ω
or greater (output current of 7
µA or less) will produce a tempera-
ture setpoint hysteresis of zero degrees. For more details, see the
temperature programming discussion that follows. Larger
values of load resistance will only decrease the output current
below but will have no effect on the operation of the device. The
amount of hysteresis is determined by selecting an appropriate
value of load resistance for VREF, as shown below.
Programming the TMP12
The basic thermal monitoring application only requires a simple
three-resistor ladder voltage divider to set the high and low
setpoints and the hysteresis. These resistors are programmed in
the following sequence:
1. Select the desired hysteresis temperature.
2. Calculate the hysteresis current, IVREF.
3. Select the desired setpoint temperatures.
4. Calculate the individual resistor divider ladder values needed
to develop the desired comparator setpoint voltages at the
Set High and Set Low inputs.
The hysteresis current is readily calculated, as shown above. For
example, to produce two degrees of hysteresis, IVREF should be
set to 17
µA. Next, the setpoint voltages VSETHIGH and VSETLOW
are determined using the VPTAT scale factor of
55
273 15
mV K
mV
C
//
.
=° +
(
)
which is 1.49 V for 25
°C. Finally, the divider resistors are calcu-
lated, based on the setpoint voltages.
The setpoint voltages are calculated from the equation
VT
mV C
SET
SET
=+
(
)
°
(
)
273 15 5
./
This equation is used to calculate both the VSETHIGH and the
VSETLOW values. A simple three-resistor network, as shown in
Figure 5, determines the setpoints and the hysteresis value.
The equations used to calculate the resistors are
R1 k
V
– V
/ I
V– V
/ I
REF
SETHIGH
VREF
SETHIGH
VREF
Ω
() =
()
=
()
2.5
R2 k
V
– V
/I
SETHIGH
SETLOW
VREF
Ω
() =
()
R3 k
V
/I
SETLOW
VREF
Ω
() =
V+
TMP12
VSETHIGH
OVER
VSETLOW
UNDER
GND
HEATER
18
27
36
45
|VREF
(VREF – V SETHIGH)/IVREF = R1
(VSETLOW – V REF)/IVREF = R3
VREF = 2.5V
(VSETHIGH – V SETLOW)/IVREF = R2
Figure 5. Setpoint Programming
For example, setting the high setpoint for 80
°C, the low setpoint
for 55
°C, and hysteresis for 3°C produces the following values:
II
C
A C
A
AA
A
HYS
VREF
== ° ×
°
(
)+=
+=
35
7
15
7
22
µµ
µµ
µ
/
VT
mV
C
CmV
C
V
SETHIGH
SETHIGH
=+
(
)
°
(
) =
°+
(
)
°
(
) =
273 15 5
80
273 15 5
1 766
./
./
.
VT
mV
C
CmV
C
V
SETLOW
SETLOW
=+
(
)
°
(
) =
°+
(
)
°
(
) =
273 15 5
55
273 15 5
1 641
./
./
.
R
VREF
V
I
VV
A
SETHIGH
VREF
1k
k
Ω
Ω
() =
()
=
()
=
–/
.– .
/
.
25
1766
22
33 36
µ
RV
V
I
VV
A
SETHIGH
SETLOW
VREF
2k
k
Ω
Ω
() =
()
=
()
=
–/
.– .
/
.
1 766
1 641
22
5 682
µ
RV
I
V
A
SETLOW
VREF
3k
k
ΩΩ
() ==
()
=
/.
/
.
1 641
22
74 59
µ
The total of R1 + R2 + R3 is equal to the load resistance needed to
draw the desired hysteresis current from the reference, or IVREF.
The nomograph of Figure 6 provides an easy method of determin-
ing the correct VPTAT voltage for any temperature. Simply locate
the desired temperature on the appropriate scale (K,
°C, or °F)
and read the corresponding VPTAT value from the bottom scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com