Electronic Components Datasheet Search
  English  ▼

X  

TMP12 Datasheet(PDF) 8 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 8 Page - Analog Devices

Back Button TMP12_15 Datasheet HTML 4Page - Analog Devices TMP12_15 Datasheet HTML 5Page - Analog Devices TMP12_15 Datasheet HTML 6Page - Analog Devices TMP12_15 Datasheet HTML 7Page - Analog Devices TMP12_15 Datasheet HTML 8Page - Analog Devices TMP12_15 Datasheet HTML 9Page - Analog Devices TMP12_15 Datasheet HTML 10Page - Analog Devices TMP12_15 Datasheet HTML 11Page - Analog Devices TMP12_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. B
TMP12
–8–
The circuit of Figure 8 provides approximately 1
°C of resolution.
The two potentiometers divide VREF by 2, and the 8-bit
potentiometer further divides VREF by 256, so the resolution is
Resolution
VREF
N
V
mV
=
÷ =
÷ =
2
2
25
2
28
49
.
.
where VREF is the voltage reference output (Pin l of the TMP12)
and N is the resolution of the AD8402. Since the VPTAT has a
slope of 5 mV/K, the AD8402 provides 1
°C of resolution. The
adjustment range of this circuit extends from VREF/2 (i.e.,
1.25 V, or –23
°C) to VREF – 1 LSB (i.e., 2.5 V – 4.9 mV, or
226
°C). The VPTAT is therefore
VPTAT
V
Digital Count
mV
=+
×
()
125
49
..
where Digital Count is the value sent to the AD8402 which caused
the setpoint 1 output to go low.
A third way to measure the VPTAT voltage is to close a feed-
back loop around one of the TMP12’s comparators. This causes
the comparator to oscillate, and in turn forces the voltage at the
comparator input to equal the VPTAT voltage. Figure 9 is a
typical circuit for this measurement. An OP193 operational
amplifier, operating as an integrator, provides additional loop-gain
to ensure that the TMP12 comparator will oscillate.
Understanding Error Sources
The accuracy of the VPTAT sensor output is well characterized
and specified; however, preserving this accuracy in a thermal
monitoring control system requires some attention to minimiz-
ing the various potential error sources. The internal sources
of setpoint programming error include the initial tolerances and
temperature drifts of the reference voltage VREF, the setpoint
comparator input offset voltage and bias current, and the hysteresis
current scale factor. When evaluating setpoint programming
errors, remember that any VREF error contribution at the com-
parator inputs is reduced by the resistor divider ratios. Each
comparator’s input bias current drops to less than 1 nA (typ) when
the comparator is tripped. This change accounts for some setpoint
voltage error, equal to the change in bias current multiplied by
the effective setpoint divider ladder resistance to ground.
The thermal mass of the TMP12 package and the degree of
thermal coupling to the surrounding circuitry are the largest
factors in determining the rate of thermal settling, which ultimately
determines the rate at which the desired temperature measure-
ment accuracy may be reached. (See graph in TPC 2.) Thus,
one must allow sufficient time for the device to reach the final
temperature. The typical thermal time constant for the SOIC
plastic package is approximately 70 seconds in still air. There-
fore, to reach the final temperature accuracy within 1%, for a
temperature change of 60
°C, a settling time of five time con-
stants, or six minutes, is necessary. Refer to TPC 3.
External error sources to consider are the accuracy of the external
programming resistors, grounding error voltages, and thermal
gradients. The accuracy of the external programming resistors
directly impacts the resulting setpoint accuracy. Thus, in fixed-
temperature applications, the user should select resistor tolerances
appropriate to the desired programming accuracy. Since setpoint
resistors are typically located in the same air flow as the TMP12,
resistor temperature drift must be taken into account also. This
effect can be minimized by selecting good quality components,
and by keeping all components in close thermal proximity.
Careful circuit board layout is essential to minimize common
thermal error sources. Also, the user should take care to keep
the bottom of the setpoint programming divider ladder as close
to GND (Pin 4) as possible to minimize errors due to IR voltage
drops and coupling of external noise sources. In any case, a 0.1
µF
capacitor for power supply bypassing is always recommended at
the chip.
Safety Considerations in Heating and Cooling System Design
Designers should anticipate potential system fault conditions
that may result in significant safety hazards that are outside
the control of and cannot be corrected by the TMP12-based
circuit. Governmental and industrial regulations regarding
safety requirements and standards for such designs should be
observed where applicable.
Self-Heating Effects
In some applications, the user should consider the effects of self
heating due to the power dissipated by the open-collector out-
puts, which are capable of sinking 20 mA continuously. Under
full load, the TMP12 open-collector output device is dissipating
PV
A
mW
DISS =×
=
06
0 020
12
..
which in a surface-mount SOIC package accounts for a tempera-
ture increase due to self-heating of
∆TP
W
C W
C
DISS
JA
=×
=
×
°
=
°
θ
0 012
158
1 9
./
.
This increase is for still air, of course, and will be reduced at
high airflow levels. However, the user should still be aware that
self-heating effects can directly affect the accuracy of the TMP12.
For Setpoint 2, self-heating will add to the Setpoint temperature
(that is, in the above example, the TMP12 will switch the Setpoint
2 output off 1.9
°C early). Self-heating will not affect the tempera-
ture at which Setpoint 1 turns on, but will add to the hysteresis.
Several circuits for adding external driver transistors and other
buffers are presented in the following sections of this data sheet.
These buffers will reduce self-heating and improve accuracy.
Buffering the Voltage Reference
The reference output VREF is used to generate the temperature
setpoint programming voltages for the TMP12. Since the hyster-
esis is set by the reference current, external circuits which draw
current from the reference will increase the hysteresis value.
The on-board VREF output buffer is typically capable of 500
µA
output drive into as much as 50 pF load (max). Exceeding this
load will affect the accuracy of the reference voltage, could
cause thermal sensing error due to excess heat buildup, and
may induce oscillations. External buffering of VREF with a
low-drift voltage follower will ensure optimal reference accu-
racy. Amplifiers that offer low-drift, low-power consumption,
and low cost appropriate to this application include the OP284
and members of the OP113 and OP193 families.
With excellent drift and noise characteristics, VREF offers a
good voltage reference for data acquisition and transducer exci-
tation applications as well. Output drift is typically better than
–10 ppm/
°C, with 315 nV/Hz (typ) noise spectral density at 1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com