Electronic Components Datasheet Search
  English  ▼

X  

TMP12 Datasheet(PDF) 11 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 11 Page - Analog Devices

Back Button TMP12_15 Datasheet HTML 4Page - Analog Devices TMP12_15 Datasheet HTML 5Page - Analog Devices TMP12_15 Datasheet HTML 6Page - Analog Devices TMP12_15 Datasheet HTML 7Page - Analog Devices TMP12_15 Datasheet HTML 8Page - Analog Devices TMP12_15 Datasheet HTML 9Page - Analog Devices TMP12_15 Datasheet HTML 10Page - Analog Devices TMP12_15 Datasheet HTML 11Page - Analog Devices TMP12_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. B
TMP12
–11–
An example of a higher power transistor is a standard Darlington
configuration as shown in Figure 17. The part chosen, TIP-110,
can handle 2 A continuous, which is more than enough to con-
trol many high-power relays. In fact, the Darlington itself can be
used as the switch, similar to MOSFETs and IGBTs.
8
7
6
5
1
2
3
4
TEMPERATURE
SENSOR AND
VOLTAGE
REFERENCE
VREF
WINDOW
COMPARATOR
HYSTERESIS
GENERATOR
100
TMP12
VPTAT
4.7k
2N1711
V+
IC
Q1
Figure 15. An External Transistor Minimizes Self-Heating
8
7
6
5
1
2
3
4
TEMPERATURE
SENSOR AND
VOLTAGE
REFERENCE
VREF
WINDOW
COMPARATOR
HYSTERESIS
GENERATOR
100
TMP12
VPTAT
4.7k
2N1711
V+
IC
Q1
4.7k
2N1711
Q2
Figure 16. Second Transistor Maintains Polarity of TMP12
Output
8
7
6
5
1
2
3
4
TEMPERATURE
SENSOR AND
VOLTAGE
REFERENCE
VREF
WINDOW
COMPARATOR
HYSTERESIS
GENERATOR
100
TMP12
VPTAT
4.7k
2N1711
V+
IC
4.7k
TIP-110
5V
MOTOR
SHUTDOWN
RELAY
12V
Figure 17. Darlington Transistor Can Handle Large Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com