Electronic Components Datasheet Search
  English  ▼

X  

UPC8120T Datasheet(PDF) 18 Page - NEC

Part # UPC8120T
Description  -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8120T Datasheet(HTML) 18 Page - NEC

Back Button UPC8120T Datasheet HTML 14Page - NEC UPC8120T Datasheet HTML 15Page - NEC UPC8120T Datasheet HTML 16Page - NEC UPC8120T Datasheet HTML 17Page - NEC UPC8120T Datasheet HTML 18Page - NEC UPC8120T Datasheet HTML 19Page - NEC UPC8120T Datasheet HTML 20Page - NEC UPC8120T Datasheet HTML 21Page - NEC UPC8120T Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
µµµµPC8130TA, µµµµPC8131TA
µµµµPC8130TA
Output port matching at f = 1440 MHz
POWER GAIN vs. GAIN CONTROL VOLTAGE
S21 vs. FREQUENCY DEPENDENCE OF GAIN CONTROL VOLTAGE
VCC = 3.0 V, Pin =
−20 dBm
−40
−20
0
20
40
S21 log MAG
2: 10.863 dB
START 100.000 000 MHz
STOP 3 100.000 000 MHz
10 dB/REF 0 dB
S12 vs. FREQUENCY DEPENDENCE OF GAIN CONTROL VOLTAGE
VCC = 3.0 V, Pin =
−20 dBm
−40
−20
0
20
40
S12 log MAG
1:
−25.759 dB
START 100.000 000 MHz
STOP 3 100.000 000 MHz
10 dB/REF 0 dB
S11 vs. FREQUENCY DEPENDENCE OF GAIN CONTROL VOLTAGE
VCC = 3.0 V, Pin = -20 dBm
−40
−20
0
20
40
S11 log MAG
1:
−9.9621 dB
START 100.000 000 MHz
STOP 3 100.000 000 MHz
10 dB/REF 0 dB
S22 vs. FREQUENCY DEPENDENCE OF GAIN CONTROL VOLTAGE
VCC = 3.0 V, Pin =
−20 dBm
−40
−20
0
20
40
S22 log MAG
1:
−13.275 dB
START 100.000 000 MHz
STOP 3 100.000 000 MHz
10 dB/REF 0 dB
20
15
10
5
0
−5
−10
−15
−20
−25
−30
−35
−40
0
0.5
1
1.5
2
Gain Control Voltage VAGC (V)
2.5
3
3.5
4
POWER GAIN vs. GAIN CONTROL VOLTAGE
20
15
10
5
0
−5
−10
−15
−20
−25
−30
−35
−40
0
0.5
1
1.5
2
Gain Control Voltage VAGC (V)
2.5
3
3.5
4
1 440.000 000 MHz
1 440.000 000 MHz
1 440.000 000 MHz
1:
−6.6158 dB
950 MHz
3: 5.9184 dB
1.9 GHz
1 440.000 000 MHz
TA =
−25 °C
TA =
+25 °C
TA = +85
°C
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VAGC = 3.0 V
VAGC = 2.0 V
VAGC = 1.9 V
VAGC = 1.8 V
VAGC = 1.7 V
VAGC = 1.6 V
VAGC = 1.5 V
VAGC = 1.4 V
VAGC = 1.3 V
VAGC = 1.2 V
VAGC = 1.1 V
VAGC = 1.0 V
VAGC = 0.8 V
VAGC = 0 V
3
2
1
VAGC = 3.0 V
VAGC = 1.7 V
VAGC = 0 to 1.0 V
1
VAGC = 3.0 V
VAGC = 0 V
VAGC = 1.7 V
1
VAGC = 3.0 V
VAGC = 0 V
VAGC = 1.65 V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com