Electronic Components Datasheet Search
  English  ▼

X  

UPC8120T Datasheet(PDF) 23 Page - NEC

Part # UPC8120T
Description  -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8120T Datasheet(HTML) 23 Page - NEC

Back Button UPC8120T Datasheet HTML 19Page - NEC UPC8120T Datasheet HTML 20Page - NEC UPC8120T Datasheet HTML 21Page - NEC UPC8120T Datasheet HTML 22Page - NEC UPC8120T Datasheet HTML 23Page - NEC UPC8120T Datasheet HTML 24Page - NEC UPC8120T Datasheet HTML 25Page - NEC UPC8120T Datasheet HTML 26Page - NEC UPC8120T Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23
µµµµPC8130TA, µµµµPC8131TA
µµµµPC8131TA
Output port matching at f = 950 MHz
S11
vs. FREQUENCY
VAGC = 0 V (GPMAX), Pin =
−20 dBm
−30
−20
−10
0
10
S11 log MAG
1:
−8.9634 dB
START 100.000 000 MHz
STOP 3 100.000 000 MHz
5 dB/REF 0 dB
950.000 000 MHz
−30
−20
−10
0
10
START 100.000 000 MHz
STOP 3 100.000 000 MHz
S22
vs. FREQUENCY
VAGC = 0 V (GPMAX), Pin =
−20 dBm
S22 log MAG
1:
−19.264 dB
5 dB/REF 0 dB
950.000 000 MHz
−30
−20
−10
0
10
START 100.000 000 MHz
STOP 3 100.000 000 MHz
S11
vs. FREQUENCY
VCC = 3.0 V, VAGC = 0 V (GPMAX), Pin =
−20 dBm
S11 log MAG
1:
−2.0122 dB
5 dB/REF 0 dB
950.000 000 MHz
S22 vs. FREQUENCY
VCC = 3.0 V, VAGC = 0 V (GPMAX), Pin =
−20 dBm
−30
−20
−10
0
10
S22 log MAG
1:
−18.936 dB
START 100.000 000 MHz
STOP 3 100.000 000 MHz
5 dB/REF 0 dB
950.000 000 MHz
VCC = 3.0 V, VAGC = 0 V (GPMAX), Pin =
−20 dBm
START 100.000 000 MHz
STOP 3 100.000 000 MHz
S11 vs. FREQUENCY 1: 66.246
Ω −41.039 Ω 4.0822 pF
950.000 000 MHz
MARKER 1
950 MHz
VCC = 3.0 V, VAGC = 0 V (GPMAX), Pin =
−20 dBm
START 100.000 000 MHz
STOP 3 100.000 000 MHz
S22 vs. FREQUENCY 1: 57.439
Ω 3.3594 Ω 562.8 pH
950.000 000 MHz
MARKER 1
950 MHz
1
1
VCC = 3.3 V
VCC = 2.7 V
VCC = 3.0 V
1
TA =
−25 °C
TA =
+25 °C
TA =
+85 °C
1
VCC = 3.3 V
VCC = 2.7 V
VCC = 3.0 V
TA =
−25 °C
TA =
+25 °C
TA =
+85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com