Electronic Components Datasheet Search
  English  ▼

X  

UPC8120T Datasheet(PDF) 20 Page - NEC

Part # UPC8120T
Description  -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8120T Datasheet(HTML) 20 Page - NEC

Back Button UPC8120T Datasheet HTML 16Page - NEC UPC8120T Datasheet HTML 17Page - NEC UPC8120T Datasheet HTML 18Page - NEC UPC8120T Datasheet HTML 19Page - NEC UPC8120T Datasheet HTML 20Page - NEC UPC8120T Datasheet HTML 21Page - NEC UPC8120T Datasheet HTML 22Page - NEC UPC8120T Datasheet HTML 23Page - NEC UPC8120T Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
µµµµPC8130TA, µµµµPC8131TA
µµµµPC8130TA
Output port matching at f = 1440 MHz
OUTPUT POWER AND IM3 vs. INPUT POWER
20
10
0
−10
−20
−30
−40
−50
−60
−70
−30
−25
−20
−15
−10
−50
Input Power Pin (dBm)
OUTPUT POWER AND IM3 vs. INPUT POWER
20
10
0
−10
−20
−30
−40
−50
−60
−70
−30
−25
−20
−15
−10
−50
Input Power Pin (dBm)
OUTPUT POWER AND IM3 vs. INPUT POWER
20
10
0
−10
−20
−30
−40
−50
−60
−70
−30
−25
−20
−15
−10
−50
Input Power Pin (dBm)
OUTPUT POWER AND IM3 vs. INPUT POWER
20
10
0
−10
−20
−30
−40
−50
−60
−70
−30
−25
−20
−15
−10
−50
Input Power Pin (dBm)
OUTPUT POWER AND IM3 vs. INPUT POWER
20
10
0
−10
−20
−30
−40
−50
−60
−70
−30
−25
−20
−15
−10
−50
Input Power Pin (dBm)
VCC = 3.0 V
VAGC = 3.0 V
f1 = 1440 MHz
f2 = 1441 MHz
VCC = 3.0 V
VAGC = 1.5 V
f1 = 1440 MHz
f2 = 1441 MHz
VCC = 3.0 V
VAGC = 1.25 V
f1 = 1440 MHz
f2 = 1441 MHz
VCC = 3.0 V
VAGC = 1.1 V
f1 = 1440 MHz
f2 = 1441 MHz
VCC = 3.0 V
VAGC = 0 V
f1 = 1440 MHz
f2 = 1441 MHz
Pout
IM3
2f1-f2
(1439 MHz)
2f2-f1
(1442 MHz)
Pout
IM3
2f1-f2
(1439 MHz)
2f2-f1
(1442 MHz)
Pout
IM3
2f2-f1
(1442 MHz)
Pout
IM3
2f1-f2
(1439 MHz)
2f2-f1
(1442 MHz)
Pout
IM3
2f2-f1 (1442 MHz)
2f1-f2 (1439 MHz)
2f1-f2
(1439 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com