Electronic Components Datasheet Search
  English  ▼

X  

IRF4905 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF4905
Description  Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF4905 Datasheet(HTML) 3 Page - International Rectifier

  IRF4905 Datasheet HTML 1Page - International Rectifier IRF4905 Datasheet HTML 2Page - International Rectifier IRF4905 Datasheet HTML 3Page - International Rectifier IRF4905 Datasheet HTML 4Page - International Rectifier IRF4905 Datasheet HTML 5Page - International Rectifier IRF4905 Datasheet HTML 6Page - International Rectifier IRF4905 Datasheet HTML 7Page - International Rectifier IRF4905 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF4905
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
10
100
1000
0.1
1
1 0
1 0 0
DS
20µs PU LS E W ID TH
T
= 2 5°C
c
A
-V
, Drain -to -So urce Vo ltag e (V)
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTT OM - 4. 5V
-4.5 V
1
10
100
1000
0.1
1
10
100
DS
A
-V
, Dra in -to-So urce V oltag e (V )
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTT OM - 4. 5V
-4.5 V
20µs PU LSE W ID TH
T
= 1 75°C
C
1
10
100
1000
456789
1 0
T = 25°C
J
GS
A
-V
, Ga te -to -S o u rce V o ltag e (V )
V
= -2 5 V
20µs P U LS E W ID T H
DS
T = 1 75°C
J
0.0
0.5
1.0
1.5
2.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Ju nction T em pe rature (°C )
A
V
= -10 V
GS
I
= -6 4A
D
Fig 2. Typical Output Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com