Electronic Components Datasheet Search
  English  ▼

X  

IRF4905 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF4905
Description  Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF4905 Datasheet(HTML) 8 Page - International Rectifier

  IRF4905 Datasheet HTML 1Page - International Rectifier IRF4905 Datasheet HTML 2Page - International Rectifier IRF4905 Datasheet HTML 3Page - International Rectifier IRF4905 Datasheet HTML 4Page - International Rectifier IRF4905 Datasheet HTML 5Page - International Rectifier IRF4905 Datasheet HTML 6Page - International Rectifier IRF4905 Datasheet HTML 7Page - International Rectifier IRF4905 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF4905
L E A D ASSIG N M E N T S
1 - G A T E
2 - D R A I N
3 - S O URCE
4 - D R A I N
- B -
1.32 (. 05 2)
1.22 (. 04 8)
3X
0. 5 5 (. 02 2)
0. 4 6 (. 01 8)
2.92 (. 1 15)
2.64 (. 1 04)
4. 6 9 ( .18 5)
4. 2 0 ( .16 5)
3X
0. 9 3 ( .03 7)
0. 6 9 ( .02 7)
4. 0 6 (. 16 0)
3. 5 5 (. 14 0)
1. 15 ( .0 4 5 )
M IN
6. 4 7 (. 25 5)
6. 1 0 (. 24 0)
3. 78 (. 14 9)
3. 54 (. 13 9)
- A -
1 0 . 5 4 (. 41 5)
1 0 . 2 9 (. 40 5)
2. 8 7 ( .11 3)
2. 6 2 ( .10 3)
15 . 2 4 ( .600 )
14 . 8 4 ( .584 )
14 . 0 9 (.555 )
13 . 4 7 (.530 )
3X
1.40 (. 0 55)
1.15 (. 0 45)
2. 5 4 ( .10 0)
2X
0 .3 6 (. 0 1 4 )
M
B
A
M
4
1
2
3
N O T ES:
1 D I M E N S IO N I N G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 .
3 O U T L IN E C O N F O R M S T O J E D E C O U T L IN E T O -2 2 0 A B .
2 CO NT R O L L I N G D IM E NS IO N : I NCH
4 HE A T S IN K & L E A D M E A S URE M E NT S D O NO T INCL UDE B U RRS .
PART NU M BER
IN TE R NA T ION A L
R EC T IF IER
LO GO
E X AM PLE : T HI S IS A N IRF 1010
W IT H ASSEMBL Y
L O T CO DE 9 B 1 M
ASSEM B L Y
LO T
CO DE
DA TE CODE
(Y YWW)
YY = YEAR
WW = WE EK
9246
IR F 1010
9B
1M
A
Part Marking Information
TO-220AB
Package Outline
TO-220AB Outline
Dimensions are shown in millimeters (inches)
PART NU M BER
IN TE R NA T ION A L
R EC T IF IER
LO GO
E X AM PLE : T HI S IS A N IRF 1010
W IT H ASSEMBL Y
L O T CO DE 9 B 1 M
ASSEM B L Y
LO T
CO DE
DA TE CODE
(Y YWW)
YY = YEAR
WW = WE EK
9246
IR F 1010
9B
1M
A
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ki, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com