Electronic Components Datasheet Search
  English  ▼

X  

IRF4905 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF4905
Description  Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF4905 Datasheet(HTML) 4 Page - International Rectifier

  IRF4905 Datasheet HTML 1Page - International Rectifier IRF4905 Datasheet HTML 2Page - International Rectifier IRF4905 Datasheet HTML 3Page - International Rectifier IRF4905 Datasheet HTML 4Page - International Rectifier IRF4905 Datasheet HTML 5Page - International Rectifier IRF4905 Datasheet HTML 6Page - International Rectifier IRF4905 Datasheet HTML 7Page - International Rectifier IRF4905 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF4905
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
1000
2000
3000
4000
5000
6000
7000
1
10
100
A
DS
-V
, Drain -to -So urce V oltag e (V)
V
= 0 V,
f = 1M H z
C
= C
+ C
, C
SH O RTE D
C
= C
C
= C
+ C
GS
is s
gs
gd
ds
rs s
gd
o ss
ds
g d
C is s
C oss
C rs s
0
4
8
12
16
20
0
40
80
120
160
200
G
A
Q
, To tal G ate C ha rg e (n C)
FOR TE ST CIRCUIT
SE E FIG U R E 1 3
I
= -3 8A
V
= - 44V
V
= - 28V
D
DS
DS
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T = 25 °C
J
V
= 0 V
GS
SD
A
-V
, S ource -to-Drain V oltage (V )
T = 17 5°C
J
1
10
100
1000
1
10
100
OPE R ATIO N IN TH IS A RE A LI MI TE D
BY R DS(o n)
10m s
A
-V
, Dra in-to-So urce V olta ge (V )
DS
100µ s
1m s
T
= 2 5°C
T
= 1 75°C
Sin gle Pu ls e
C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com