Electronic Components Datasheet Search
  English  ▼

X  

IRF7452 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7452
Description  Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7452 Datasheet(HTML) 4 Page - International Rectifier

  IRF7452 Datasheet HTML 1Page - International Rectifier IRF7452 Datasheet HTML 2Page - International Rectifier IRF7452 Datasheet HTML 3Page - International Rectifier IRF7452 Datasheet HTML 4Page - International Rectifier IRF7452 Datasheet HTML 5Page - International Rectifier IRF7452 Datasheet HTML 6Page - International Rectifier IRF7452 Datasheet HTML 7Page - International Rectifier IRF7452 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7452
4
www.irf.com
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
0
10
20
30
40
50
0
4
8
12
16
20
Q , Total GateCharge(nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
2.7A
V
= 20V
DS
V
= 50V
DS
V
= 80V
DS
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
V
,Source-to-Drain Voltage (V)
SD
V= 0 V
GS
T= 25 C
J
°
T = 150 C
J
°
Fig 8. Maximum Safe Operating Area
0.1
1
10
100
1000
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
=25 C
°
°
J
A
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
C iss
= C gs + Cgd ,
C ds
SHORTED
Crss = Cgd
Coss = Cds + Cgd



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com