Electronic Components Datasheet Search
  English  ▼

X  

IRF7452 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7452
Description  Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7452 Datasheet(HTML) 1 Page - International Rectifier

  IRF7452 Datasheet HTML 1Page - International Rectifier IRF7452 Datasheet HTML 2Page - International Rectifier IRF7452 Datasheet HTML 3Page - International Rectifier IRF7452 Datasheet HTML 4Page - International Rectifier IRF7452 Datasheet HTML 5Page - International Rectifier IRF7452 Datasheet HTML 6Page - International Rectifier IRF7452 Datasheet HTML 7Page - International Rectifier IRF7452 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
11/23/01
IRF7452
SMPS MOSFET
HEXFET® Power MOSFET
High frequency DC-DC converters
Benefits
Applications
Low Gate to Drain Charge to Reduce
Switching Losses
Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
100V
0.060
Ω
4.5A
Typical SMPS Topologies
Telecom 48V input DC-DC with Half Bridge Primary or Datacom 28V input
with Passive Reset Forward Converter Primary
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
4.5
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
3.6
A
IDM
Pulsed Drain Current
36
PD @TA = 25°C
Power Dissipation
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
3.5
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
through
are on page 8
PD- 93897C
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A


Similar Part No. - IRF7452

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7452PBF IRF-IRF7452PBF Datasheet
279Kb / 8P
HEXFET Power MOSFET
IRF7452PBF IRF-IRF7452PBF Datasheet
284Kb / 8P
HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
HIGH FREQUENCY DC-DC CONVERTERS
IRF7452QPBF IRF-IRF7452QPBF Datasheet
204Kb / 8P
HEXFET Power MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
HEXFETPower MOSFET
More results

Similar Description - IRF7452

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC830 IRF-IRC830 Datasheet
222Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF5N5210 IRF-IRF5N5210 Datasheet
118Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.060ohm, Id=-31A)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRFB4710 IRF-IRFB4710 Datasheet
245Kb / 11P
Power MOSFET(Vdss=100v, Rds(on)max=0.014ohm, Id=75A)
IRFB59N10D IRF-IRFB59N10D Datasheet
138Kb / 11P
Power MOSFET(Vdss=100V, Rds(on)max=0.025ohm, Id=59A)
IRFI840GLC IRF-IRFI840GLC Datasheet
225Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)
IRFIZ24V IRF-IRFIZ24V Datasheet
83Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)
IRFP4710 IRF-IRFP4710 Datasheet
103Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.014ohm, Id=72A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com