Electronic Components Datasheet Search
  English  ▼

X  

IRF7452 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7452
Description  Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7452 Datasheet(HTML) 7 Page - International Rectifier

  IRF7452 Datasheet HTML 1Page - International Rectifier IRF7452 Datasheet HTML 2Page - International Rectifier IRF7452 Datasheet HTML 3Page - International Rectifier IRF7452 Datasheet HTML 4Page - International Rectifier IRF7452 Datasheet HTML 5Page - International Rectifier IRF7452 Datasheet HTML 6Page - International Rectifier IRF7452 Datasheet HTML 7Page - International Rectifier IRF7452 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7452
www.irf.com
7
SO-8 Package Details
Kx 45°
C
8X
L
8X
θ
H
0.25 (.010)
M
A M
A
0.10 (.004)
B8X
0.25 (.010)
M C A S B S
-C -
6X
e
-B -
D
E
-A -
87
6
5
12
34
5
6
5
RECOMMENDED FOOTPRINT
0.72 (.028 )
8X
1.78 (.070)
8X
6.46 ( .255 )
1.27 ( .050 )
3X
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
.0532
.0688
1.35
1.75
A1
.0040
.0098
0.10
0.25
B
.014
.018
0.36
0.46
C
.0075
.0098
0.19
0.25
D
.189
.196
4.80
4.98
E
.150
.157
3.81
3.99
e
.050 BASIC
1.27 BASIC
e1
.025 BASIC
0.635 BASIC
H
.2284
.2440
5.80
6.20
K
.011
.019
0.28
0.48
L
0.16
.050
0.41
1.27
θ
0°
8°
0°
8°
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982.
2. CONTROLLING DIMENSION : INCH.
3. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES).
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA.
DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS
MOLD PROTRUSIONS NOT TO EXCEED 0.25 (.006).
DIMENSIONS IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE..
5
6
A1
e1
θ
SO-8 Part Marking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com