Electronic Components Datasheet Search
  English  ▼

X  

IRF7459 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7459
Description  Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7459 Datasheet(HTML) 6 Page - International Rectifier

  IRF7459 Datasheet HTML 1Page - International Rectifier IRF7459 Datasheet HTML 2Page - International Rectifier IRF7459 Datasheet HTML 3Page - International Rectifier IRF7459 Datasheet HTML 4Page - International Rectifier IRF7459 Datasheet HTML 5Page - International Rectifier IRF7459 Datasheet HTML 6Page - International Rectifier IRF7459 Datasheet HTML 7Page - International Rectifier IRF7459 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7459
6
www.irf.com
Fig 14. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 13a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 14a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 14c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
t p
V (BR )DS S
I AS
R G
IAS
0.0 1
Ω
tp
D.U .T
L
VDS
+
-
VDD
DRIVER
A
15V
20 V
25
50
75
100
125
150
0
100
200
300
400
500
600
700
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
4.3A
7.7A
9.6A
0
20406080
100
ID , Drain Current (A)
0.007
0.008
0.009
0.010
VGS = 10V
VGS = 4.5V
2.0
2.5
3.0
3.5
4.0
4.5
VGS, Gate -to -Source Voltage (V)
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
ID = 12A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com