Electronic Components Datasheet Search
  English  ▼

X  

IRF7459 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7459
Description  Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7459 Datasheet(HTML) 1 Page - International Rectifier

  IRF7459 Datasheet HTML 1Page - International Rectifier IRF7459 Datasheet HTML 2Page - International Rectifier IRF7459 Datasheet HTML 3Page - International Rectifier IRF7459 Datasheet HTML 4Page - International Rectifier IRF7459 Datasheet HTML 5Page - International Rectifier IRF7459 Datasheet HTML 6Page - International Rectifier IRF7459 Datasheet HTML 7Page - International Rectifier IRF7459 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF7459
SMPS MOSFET
Notes
 through „ are on page 8
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
12
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
10
A
IDM
Pulsed Drain Current

100
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.6
W
Linear Derating Factor
0.02
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
HEXFET® Power MOSFET
Benefits
VDSS
RDS(on) max
ID
20V
9.0m
Ω
12A
www.irf.com
1
3/25/01
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
SO-8
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
†
–––
50
°C/W
Thermal Resistance
PD- 93885B
l High Frequency DC-DC Isolated
Converters with Synchronous Rectification
for Telecom and Industrial use
Applications
l High Frequency Buck Converters for
Computer Processor Power


Similar Part No. - IRF7459

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7459PBF IRF-IRF7459PBF Datasheet
156Kb / 8P
HEXFET Power MOSFET
More results

Similar Description - IRF7459

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF3709 IRF-IRF3709 Datasheet
121Kb / 11P
Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
IRF3711 IRF-IRF3711 Datasheet
245Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A??
IRF7456 IRF-IRF7456 Datasheet
165Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRFP054V IRF-IRFP054V Datasheet
216Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A??
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com