Electronic Components Datasheet Search
  English  ▼

X  

IRF7459 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF7459
Description  Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7459 Datasheet(HTML) 8 Page - International Rectifier

  IRF7459 Datasheet HTML 1Page - International Rectifier IRF7459 Datasheet HTML 2Page - International Rectifier IRF7459 Datasheet HTML 3Page - International Rectifier IRF7459 Datasheet HTML 4Page - International Rectifier IRF7459 Datasheet HTML 5Page - International Rectifier IRF7459 Datasheet HTML 6Page - International Rectifier IRF7459 Datasheet HTML 7Page - International Rectifier IRF7459 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF7459
8
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Starting TJ = 25°C, L = 6.3mH
RG = 25Ω, IAS = 9.6A.
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board, t<10 sec
33 0.00
(12.992)
MAX .
14.4 0 ( .566 )
12.4 0 ( .488 )
N O T ES :
1 . CO NT RO LL ING DIM ENSIO N : M ILLIME TER.
2 . O U TLIN E C O NF O RM S T O E IA-48 1 & E IA -54 1.
F EED DIRE CTIO N
TERM IN AL NUM B ER 1
1 2.3 ( .484 )
1 1.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NO T E S:
1 . CO NT RO L L ING DIM E NSIO N : M IL L IM E T E R .
2 . AL L DIM E NS IO N S ARE SHO W N IN M ILL IM E TER S (IN C H E S ).
3. O U TL IN E C O N FO R M S TO E IA -481 & E IA -541.
SO-8 Tape and Reel
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 3/01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com