Electronic Components Datasheet Search
  English  ▼

X  

SMARTINT1500 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT1500
Description  SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT1500 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SMARTINT1500 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Internal UPS Replacement Battery
Cartridge
RBC53
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 166 to 277
Overvoltage Correction
Input voltages between 243 and 277 are reduced by 12%
Undervoltage Correction
Input voltages between 191 and 215 are boosted by 10%
Severe Undervoltage Correction
Input voltages between 165 and 190 are boosted by 22%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure and low-battery conditions
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
480
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Optional Accessories
Wallmount (UPSWM - tower mounting kit)
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
12.8 x 7.5 x 9.2
UPS Power Module Dimensions
(hwd, cm)
32.4 x 19 x 23.5
UPS Power Module Weight (lbs.)
38.6
UPS Power Module Weight (kg)
17.5
UPS Shipping Dimensions (hwd / in.)
18.2 x 12 x 13.8
UPS Shipping Dimensions (hwd /
cm)
46.4 x 30.5 x 34.9
Shipping Weight (lbs.)
43.2
Shipping Weight (kg)
19.6
UPS Housing Material
Polycarbonate
3 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com