Electronic Components Datasheet Search
  English  ▼

X  

SMARTINT1500 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT1500
Description  SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT1500 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMARTINT1500 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 230V 1.5kVA 940W Line-Interactive UPS,
Tower, DB9 Serial
MODEL NUMBER: SMARTINT1500
Description
Tripp Lite's SMARTINT1500 intelligent, line interactive UPS system protects servers, networking accessories
and telecommunications equipment from blackouts, voltage fluctuations and transient surges. Large internal
batteries offer 20 minutes half load runtime and 7 minutes at full load during power failures. 1500VA/940 watt
power handling capability supports a variety of networking, telecom and various other application types,
including the support of multiple network workstations. Includes a total of 6 IEC320-C13 outlets. Supports remote monitoring of UPS and site power conditions
via built-in DB9 serial and DB9 contact closure ports. Includes PowerAlert UPS monitoring and unattended shutdown software with complete cabling. Built-in
audible alarm and 5 front panel LEDs indicate status of line power, battery power, battery low/replace, voltage regulation and load level. Wall mountable with
optional UPSWM wallmount bracket. Network-grade AC surge suppression protects equipment from damage and performance problems resulting from
transient surges. Attractive, small-footprint tower.
Features
1500VA/940 watt power handling capability supports a variety of networking, telecom and various other application types
Built-in voltage regulation and battery support, plus complete AC suppression prevents equipment damage, data loss and downtime
Large internal batteries offer 20 minutes half load runtime and 7 minutes at full load during power failures
Automatic Voltage Regulation (AVR) circuits with two boost and one voltage reduction level maintains usable 230V nominal output over an input voltage
range of 165-277V
Includes 1 DB9 serial and 1 DB9 contact closure monitoring port for remote monitoring of UPS status and site power conditions
Communications ports support messaging of UPS and line power status, including on-battery, low-battery, power-restored, AC line voltage, DC battery
voltage and battery capacity
PowerAlert UPS monitoring and unattended shutdown software with complete cabling included
Includes 6 UPS-supported outlets
Notification of system status via 5 LEDs and multi-function audible alarms
Wall mountable with UPSWM wallmount bracket
Attractive small footprint beige tower housing
Hot-swappable/user replaceable batteries allow on-site battery replacement
Highlights
1.5kVA / 1500VA line interactive
tower UPS system
230V nominal output during
brownouts to 165V and
overvoltages to 277V
Front panel status LEDs with
load and battery capacity level
display
2 DB9 ports; 2 C13 to C14
cables; Hot-swap batteries
C14 inlet; 6 C13 outlets
Package Includes
SMARTINT1500 UPS System
2 IEC-320 C13 to C14 power
cables
2 DB9 monitoring cables
PowerAlert unattended shutdown
and UPS/Power monitoring
software
Instruction manual with warranty
information
1 / 5


Similar Part No. - SMARTINT1500

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
SMARTINT3000VS TRIPPLITE-SMARTINT3000VS Datasheet
505Kb / 5P
SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
More results

Similar Description - SMARTINT1500

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
SMART1500XLTAA TRIPPLITE-SMART1500XLTAA Datasheet
503Kb / 5P
TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
SMX1050SLT TRIPPLITE-SMX1050SLT Datasheet
509Kb / 5P
SmartPro 230V 1050VA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMX1500LCD TRIPPLITE-SMX1500LCD Datasheet
486Kb / 5P
SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD display, USB, DB9 Serial
SMX1500LCDT TRIPPLITE-SMX1500LCDT Datasheet
561Kb / 5P
SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, Tower, LCD display, USB, DB9 Serial
SMX1500SLT TRIPPLITE-SMX1500SLT Datasheet
500Kb / 5P
SmartPro 230V 1.5kVA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, Serial
SMX1500XLRT2U TRIPPLITE-SMX1500XLRT2U Datasheet
507Kb / 5P
SmartPro 230V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com