Electronic Components Datasheet Search
  English  ▼

X  

SMARTINT1500 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT1500
Description  SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT1500 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMARTINT1500 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Network-grade AC surge suppression
UPS battery set ships fully assembled, no time consuming connection of internal batteries by user is necessary
Optional PDUBHV10 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1500
Output kVA Capacity (kVA)
1.5
Output Watt Capacity (Watts)
940
Power Factor
0.6
Nominal Output Voltage(s)
Supported
220V; 230V; 240V
Nominal Voltage Details
230v inverter nominal output voltage
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-15%, +8%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(6) C13
Included Output Power Cables
Includes 2 C13 to C14 output power cables
Hot-Swap PDU options
PDUBHV10 (2U / 8 C13 outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
6.5A
Nominal Input Voltage(s) Supported
230V AC
UPS Input Connection Type
C14 inlet
Input Circuit Breakers
10A
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
7 min. (940w)
Half Load Runtime (min.)
20 min. (470w)
DC System Voltage (VDC)
36
Battery Recharge Rate (Included
Batteries)
Less than 4 hours from 10% to 90% (typical, full load discharge)
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com