Electronic Components Datasheet Search
  English  ▼

X  

SMARTINT2200VS Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT2200VS
Description  SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT2200VS Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SMARTINT2200VS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UPS Input Connection Description
IEC320-C20 input connection accepts a variety of detachable cordsets to match country or site-specific wall
receptacles
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
7 min. (1600w)
Half Load Runtime (min.)
19 min. (800w)
DC System Voltage (VDC)
48
Battery Recharge Rate (Included
Batteries)
Less than 4 hours from 10% to 90% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC54
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 151V to 282V
Overvoltage Correction
Input voltages between 245 and 282 are reduced by 12%
Undervoltage Correction
Input voltages between 177 and 199 are boosted by 14%
Severe Undervoltage Correction
Input voltages between 151 and 176 are boosted by 30%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure, overload and low-battery conditions
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
480
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
14.2 x 9.2 x 12
UPS Power Module Dimensions
(hwd, cm)
36.2 x 23.5 x 30.5
3 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com