Electronic Components Datasheet Search
  English  ▼

X  

SMARTINT2200VS Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT2200VS
Description  SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT2200VS Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SMARTINT2200VS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Green Energy-Saving Features
Individually controllable load banks
CERTIFICATIONS
UPS Certifications
CE; Meets FCC Part 15 Category A (EMI)
UPS Certification Details
CE 62040
WARRANTY
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
Product Warranty Period (Puerto
Rico)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
5 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com