Electronic Components Datasheet Search
  English  ▼

X  

SMARTINT2200VS Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT2200VS
Description  SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT2200VS Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMARTINT2200VS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,
Tower, SNMP, Webcard, USB, DB9 Serial
MODEL NUMBER: SMARTINT2200VS
Description
Tripp Lite's SMARTINT2200VS intelligent, line interactive tower uninterruptible power supply (UPS) prevents
data loss, downtime and equipment damage due to power outages, voltage fluctuations and transient surges.
Large internal batteries offer 19 minutes half load runtime and 7 minutes at full load. Maintains regulated 230V
nominal output without using battery power during brownouts and overvoltages from 151 to 282V. 2200VA
power handling capability offers compatibility with a variety of networking, telecom and other sensitive electronic
applications. Includes a total of 9 outlets with 3 load banks (2 outlets each) that are individually switchable via
software interface to reboot select equipment on demand or shed less significant loads to extend battery runtime for more critical equipment. Supports
simultaneous remote monitoring of UPS and site power conditions via built-in USB and DB9 monitoring ports. Includes PowerAlert UPS monitoring and
unattended shutdown software with complete cabling. Built-in accessory slot supports SNMP with optional SNMPWEBCARD adapter. Emergency Power Off
(EPO) interface offers option for instantaneous power-off of UPS and connected equipment in the case of fire or emergency. Multi-function audible alarms and
set of 5 front panel LEDs offer at-a-glance notification of UPS and line power status. Network-grade AC surge suppression protects equipment from damage
and performance problems resulting from transient surges and line noise. Attractive gray color scheme.
Features
SMARTINT2200VS line interactive UPS offers protection from blackouts, brownouts, overvoltages and surges
2200VA / 1600 watt capacity
Internal batteries support a half load of 1100VA for 19 minutes and a full load of 2200VA for 7 minutes
Maintains regulated 230V nominal output during brownouts and overvoltages from 151 to 282V
Includes 9 UPS supported outlets with 3 individually controllable load banks that can be powered off and back on again via software interface
IEC320-C20 input connection accepts a variety of detachable cordsets to match country or site-specific wall receptacles
PowerAlert UPS monitoring and unattended shutdown software included
Offers simultaneous monitoring by up to 4 directly-connected devices through included USB and DB9 interface ports, or the monitoring by any number of
additional servers over IP with included PowerAlert monitoring software.
Communications ports support messaging of UPS and line power status, including on-battery, low-battery, power restored, AC line voltage, DC battery
voltage and remaining battery capacity
Emergency Power Off (EPO) interface with cable
Highlights
2.2kVA / 2200VA line interactive
tower UPS system
230V nominal output during
brownouts to 151 and
overvoltages to 282V
Front panel status LEDs with
load and battery capacity level
display
USB, RS232, EPO and optional
SNMP/Web interface; 3 switched
load banks
C20 inlet; 8 C13 & 1 C19 outlets;
2 C13 to C14 cables included
Package Includes
SMARTINT2200VS UPS System
PowerAlert software with USB
and DB9 cables
Cable for Emergency Power Off
interface
Instruction manual with warranty
information
C13 to C14 power cables (3)
1 / 5


Similar Part No. - SMARTINT2200VS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
SMARTINT3000VS TRIPPLITE-SMARTINT3000VS Datasheet
505Kb / 5P
SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
More results

Similar Description - SMARTINT2200VS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART2200VS TRIPPLITE-SMART2200VS_15 Datasheet
508Kb / 5P
SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
SMARTINT3000VS TRIPPLITE-SMARTINT3000VS Datasheet
505Kb / 5P
SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SMX500RT1U TRIPPLITE-SMX500RT1U_15 Datasheet
490Kb / 5P
SmartPro 230V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
SMX750SLT TRIPPLITE-SMX750SLT_15 Datasheet
496Kb / 5P
SmartPro 230V 750VA 500W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMX1000RT2U TRIPPLITE-SMX1000RT2U Datasheet
505Kb / 5P
SmartPro 230V 1000VA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, USB,DB9 Serial
SMX1050SLT TRIPPLITE-SMX1050SLT Datasheet
509Kb / 5P
SmartPro 230V 1050VA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMX2200XLRT2U TRIPPLITE-SMX2200XLRT2U Datasheet
504Kb / 5P
SmartPro 230V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com