Electronic Components Datasheet Search
  English  ▼

X  

XC6505 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6505
Description  Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6505 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6505 Datasheet HTML 9Page - Torex Semiconductor XC6505 Datasheet HTML 10Page - Torex Semiconductor XC6505 Datasheet HTML 11Page - Torex Semiconductor XC6505 Datasheet HTML 12Page - Torex Semiconductor XC6505 Datasheet HTML 13Page - Torex Semiconductor XC6505 Datasheet HTML 14Page - Torex Semiconductor XC6505 Datasheet HTML 15Page - Torex Semiconductor XC6505 Datasheet HTML 16Page - Torex Semiconductor XC6505 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
XC6505
Series
13/24
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Output Voltage vs. Ambient Temperature
(6) Input Rising Response Time
V
IN = 2.5V, IOUT = 30mA
C
IN = 1.0μF (ceramic), CL = 2.2μF (ceramic)
V
IN = 4.3V, IOUT = 30mA
C
IN = 1.0μF (ceramic), CL = 2.2μF (ceramic)
V
IN = 6.0V, IOUT = 30mA
C
IN = 1.0μF (ceramic), CL = 2.2μF (ceramic)
V
IN = 9.0V, IOUT = 30mA
C
IN = 1.0μF (ceramic), CL = 2.2μF (ceramic)
V
IN = 0→2.5V, tr = 5μs, Ta = 25℃
I
OUT = 30mA, CIN = 0.1μF (ceramic), CL = 2.2μF (ceramic)
V
IN = 0→4.3V, tr = 5μs, Ta = 25℃
I
OUT = 30mA, CIN = 0.1μF (ceramic), CL = 2.2μF (ceramic)
XC6505x151
1.48
1.49
1.50
1.51
1.52
-50
-25
0
25
50
75
100
125
Ambient Temperature: Ta [℃]
XC6505x331
3.28
3.29
3.30
3.31
3.32
-50
-25
0
25
50
75
100
125
Ambient Temperature: Ta [℃]
XC6505x501
4.96
4.98
5.00
5.02
5.04
-50
-25
0
25
50
75
100
125
Ambient Temperature: Ta [℃]
XC6505x801
7.96
7.98
8.00
8.02
8.04
-50
-25
0
25
50
75
100
125
Ambient Temperature: Ta [℃]
XC6505x151
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time [50μs/div]
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Input Voltage
Output Voltage
XC6505x331
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time [50μs/div]
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Input Voltage
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com