Electronic Components Datasheet Search
  English  ▼

X  

XC6505 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6505
Description  Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6505 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6505 Datasheet HTML 1Page - Torex Semiconductor XC6505 Datasheet HTML 2Page - Torex Semiconductor XC6505 Datasheet HTML 3Page - Torex Semiconductor XC6505 Datasheet HTML 4Page - Torex Semiconductor XC6505 Datasheet HTML 5Page - Torex Semiconductor XC6505 Datasheet HTML 6Page - Torex Semiconductor XC6505 Datasheet HTML 7Page - Torex Semiconductor XC6505 Datasheet HTML 8Page - Torex Semiconductor XC6505 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
XC6505
Series
■
BLOCK DIAGRAMS
ON/OFF
Control
+
-
Error
Amp
Voltage
Reference
each
circuit
CurrentLimit
& TSD
R1
R2
/CE
RDCHG
CFB
XC6505B Series
VIN
CE
VSS
VOUT
ON/OFF
Control
+
-
Error
Amp
Voltage
Reference
each
circuit
CurrentLimit
& TSD
R1
R2
CFB
XC6505A Series
VIN
CE
VSS
VOUT
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
■
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~+12.0
V
Output Current
IOUT
450
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3~+12.0
V
USP-6C
120
SOT-25
250
Power Dissipation
SOT-89-5
Pd
500
mW
USP-6C
1000
SOT-25
600
Power Dissipation
(*2)
(PCB mounted)
SOT-89-5
Pd
1300
mW
Operating Temperature Range
Topr
-40~+105
℃
Storage Temperature Range
Tstg
-55~+125
℃
(*1) Please use within the range of Pd>(VIN-VOUT)×IOUT
(*2) This is a reference data taken by using the test board. Please refer to page 20 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com