Electronic Components Datasheet Search
  English  ▼

X  

XC6505 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6505
Description  Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6505 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6505 Datasheet HTML 1Page - Torex Semiconductor XC6505 Datasheet HTML 2Page - Torex Semiconductor XC6505 Datasheet HTML 3Page - Torex Semiconductor XC6505 Datasheet HTML 4Page - Torex Semiconductor XC6505 Datasheet HTML 5Page - Torex Semiconductor XC6505 Datasheet HTML 6Page - Torex Semiconductor XC6505 Datasheet HTML 7Page - Torex Semiconductor XC6505 Datasheet HTML 8Page - Torex Semiconductor XC6505 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
XC6505 Series
■
PIN CONFIGURATION
*The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and metal masking so as to
enhance mounting strength and heat release.
If the pad needs to be connected to other pins, it should be connected to the VSS (No. 5) pin.
■
PIN ASSIGNMENT
2/24
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC6505①②③④⑤⑥-⑦ (
*1)
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
A
without CE Pull-down, without CL Discharge
①
Type of Regulators
B
(The Recommended Type)
without CE Pull-down, with CL Discharge
②③
Output Voltage
15~80
e.g. 2.8V → ②=2、③=8
④
Output Accuracy
1
±1.0% (2.0V~8.0V)
±20mV (1.5V~1.9V)
ER-G
USP-6C (3,000/Reel)
MR-G
SOT-25 (3,000/Reel)
⑤⑥-⑦
Packages (Order Unit)
PR-G
SOT-89-5 (1,000/Reel)
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully EU RoHS compliant.
(*2) With CE Pull-down, please contact your local Torex sales office or representative.
PIN NUMBER
USP-6C
SOT-25
SOT-89-5
PIN NAME
FUNCTIONS
1
1
4
VIN
Power Input
3
5
5
VOUT
Output
5
2
2
VSS
Ground
6
3
3
CE
ON/OFF Control
2,4
4
1
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com