Electronic Components Datasheet Search
  English  ▼

X  

857072 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 857072
Description  242.5 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857072 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  857072 Datasheet HTML 1Page - TriQuint Semiconductor 857072 Datasheet HTML 2Page - TriQuint Semiconductor 857072 Datasheet HTML 3Page - TriQuint Semiconductor 857072 Datasheet HTML 4Page - TriQuint Semiconductor 857072 Datasheet HTML 5Page - TriQuint Semiconductor 857072 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
857072
242.5 MHz SAW Filter
Data Sheet: Rev C 05/10/12
- 3 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Reference Design
– 100 Bal Input, 100 Bal Output
Schematic
100
Balanced
Input
1,2,3
6,7,8
100
33nH
9
5
100
33nH
10
4
30nH
30nH
12pF
12pF
100
Balanced
Output
Notes:
1.
Actual matching values may vary due to PCB layout and parasitic
PC Board
Mounting Configuration
857072
TriQuint
JJJYHH
960686
C1
L1
L2
L3
L4
C2
0.80
1.60
5.70
1.27
1.20
2.54
7.20
Notes:
Top, middle & bottom layers: 1 oz copper
Substrates: FR4 dielectric, .031” thick
Finish plating: Nickel: 3-8µm thick, Gold: .03-.2µm thick
Hole plating: Copper min .0008µm thick
Notes:
1.
All dimensions are in millimeters.
2.
This footprint represents a recommendation only.
Bill of Material
Reference Desg.
Value
Description
Manufacturer
Part Number
L1
33nH
Coil Wire-wound, 0603 5%
MuRata
LQW18AN33NJ00
L2
33nH
Coil Wire-wound, 0603, 5%
MuRata
LQW18AN33NJ00
L3
30nH
Coil Wire-wound, 0603, 5%
MuRata
LQW18AN30NJ00
L4
30nH
Coil Wire-wound, 0603, 5%
MuRata
LQW18AN30NJ00
C1
12pF
Chip Ceramic, 0603, 5%
MuRata
GRM1885C1H120JA01
C2
12pF
Chip Ceramic, 0603, 5%
MuRata
GRM1885C1H120JA01
SMA
N/A
SMA connector
Johnson Components
142-0701-801
PCB
N/A
3-layer
multiple
960686



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com