Electronic Components Datasheet Search
  English  ▼

X  

857072 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 857072
Description  242.5 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857072 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  857072 Datasheet HTML 1Page - TriQuint Semiconductor 857072 Datasheet HTML 2Page - TriQuint Semiconductor 857072 Datasheet HTML 3Page - TriQuint Semiconductor 857072 Datasheet HTML 4Page - TriQuint Semiconductor 857072 Datasheet HTML 5Page - TriQuint Semiconductor 857072 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
857072
242.5 MHz SAW Filter
Data Sheet: Rev C 05/10/12
- 1 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
For WCDMA applications
Product Features
Functional Block Diagram
Top view
Usable bandwidth 25 MHz
Low loss
High attenuation
Low EVM
Balanced operation
Ceramic Surface Mount Package (SMP-28C)
Small Size: 7.00 x 5.50 x 1.24 mm
Hermetically Sealed
RoHS compliant (2002/95/EC), Pb-free
1
2
3
4
5
7
8
6
9
10
General Description
Pin Configuration
The 857072 is a high-performance IF SAW filter with a
center frequency of 242.5 and minimum 1.0 dB
bandwidth of 25 MHz
It features low loss with excellent attenuation, and is
designed to be used with a balanced input and output.
The small size of this surface mounted filter makes it an
economical choice for demanding applications such as
WCDMA or other similar high data rate communications
standards.
This device is RoHS compliant and Pb-free.
9
Pin # Bal/Bal
Description
10
Input +
9
Input -
5
Output +
4
Output -
1,2,3
Case Ground
6,7,8
Case Ground
Ordering Information
Part No.
Description
857072
packaged part
857072-EVB
evaluation board
Standard T/R size = 3000 units/reel.
Pb


Similar Part No. - 857072

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857071 TRIQUINT-857071 Datasheet
604Kb / 6P
192.5 MHz SAW Filter
857071-EVB TRIQUINT-857071-EVB Datasheet
604Kb / 6P
192.5 MHz SAW Filter
857071 TRIQUINT-857071_15 Datasheet
604Kb / 6P
192.5 MHz SAW Filter
857073 TRIQUINT-857073 Datasheet
582Kb / 6P
397.5 MHz SAW Filter
857073-EVB TRIQUINT-857073-EVB Datasheet
582Kb / 6P
397.5 MHz SAW Filter
More results

Similar Description - 857072

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com