Electronic Components Datasheet Search
  English  ▼

X  

857072 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857072
Description  242.5 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857072 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857072 Datasheet HTML 1Page - TriQuint Semiconductor 857072 Datasheet HTML 2Page - TriQuint Semiconductor 857072 Datasheet HTML 3Page - TriQuint Semiconductor 857072 Datasheet HTML 4Page - TriQuint Semiconductor 857072 Datasheet HTML 5Page - TriQuint Semiconductor 857072 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
857072
242.5 MHz SAW Filter
Data Sheet: Rev C 05/10/12
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1, 2)
Specified Temperature Range:
(3) +10 to +75 ºC
Parameter
(4)
Conditions
Min
Typical
(5)
Max
Units
Center Frequency
fo
-
242.5
-
MHz
Insertion Loss
at 242.5 MHz
-
9
10.5
dB
1.0 dB Bandwidth
(10)
25
27.6
-
MHz
2.0 dB Lower Band edge
(9)
2.0 dB Upper Band edge
(9)
-
255
228.7
256.8
230
-
MHz
MHz
35 dB Bandwidth
(10)
-
32.2
35.5
MHz
Pass Band Flatness
(7)
230 – 255 MHz
-
0.4
1.0
dB
Absolute Delay
over fo +/- 12.5 MHz
-
0.67
0.70
µs
Group Delay Ripple
(6)
over fo +/- 12.5 MHz
-
30
60
ns p-p
Group Delay Ripple
(6)
Any 3.84 MHz channel over fo
+/- 12.5 MHz
-
29
50
ns p-p
EVM
(8)
Any 3.84 MHz channel over fo
+/- 12.5 MHz
-
1.2
2
%
Temperature Coefficient
-
-94
-
ppm/ ºC
Input Return Loss
over fo +/- 12.5 MHz
8.5
12
-
dB
Output Return Loss
over fo +/- 12.5 MHz
8.5
19
-
dB
Stopband Attenuation
(10)
5 – 25 MHz
25 – 100 MHz
100 – 225 MHz
260 – 260.7 MHz
260.7 – 310 MHz
310 – 500 MHz
40
45
35
26
35
40
46
50
42
36
38
53
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Source/Load Impedance (balanced)
(11)
-
100
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
An external impedance matching network with ±2% tolerance will be necessary to achieve the proposed specifications
3.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
4.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
5.
Typical values are based on average measurements at room temperature
6.
This ripple is defined as the worst peak to adjacent valley within specified frequency range
7.
Passband Flatness is defined as the difference between maximum and minimum loss over the specified band
8.
The EVM specification is guaranteed by design and measured approximately in production
9.
2.0 db Band edges are relative to Minimum Loss
10. All Bandwidth and Attenuation measurements are relative to loss at 1dB Center Frequency
11. This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
(Operation of this device outside the parameter ranges given above may cause permanent damage)
Parameter
Rating
Operable /Storage Temperature
-40 to +85
oC
Input Power
+10dBm (Measured with continuous sine wave signal. Expected lifetime of greater
than or equal to 10K Hrs at 55
oC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com