Electronic Components Datasheet Search
  English  ▼

X  

UPD16602 Datasheet(PDF) 1 Page - NEC

Part # UPD16602
Description  312-OUTPUT TFT-LCD FULL COLOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16602 Datasheet(HTML) 1 Page - NEC

  UPD16602 Datasheet HTML 1Page - NEC UPD16602 Datasheet HTML 2Page - NEC UPD16602 Datasheet HTML 3Page - NEC UPD16602 Datasheet HTML 4Page - NEC UPD16602 Datasheet HTML 5Page - NEC UPD16602 Datasheet HTML 6Page - NEC UPD16602 Datasheet HTML 7Page - NEC UPD16602 Datasheet HTML 8Page - NEC UPD16602 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOS INTEGRATED CIRCUIT
µµµµPD16602
312-OUTPUT TFT-LCD FULL COLOR DRIVER
©
1998
Document No. S10671EJ1V0DS00 (1st edition)
Date Published August 1998 N CP(K)
Printed in Japan
DATA SHEET
The
µPD16602 is a TFT-LCD source driver with full color display capability. It is ideal for 1024 × 768 pixel (XGA) class
high definition displays. The internal circuit consists of 12 channels (4
× 3) of analog input pins, 12 channels of 16-bit shift
registers and 312 channels of sample & hold circuits (2 latch type).
Analog display signals are sampled in 12 channels simultaneously by the sample & hold circuits and they are output in
the next line. The output voltage of the sample & hold circuits is as great as 10.5 VP-P and maintains high accuracy with an
output deviation of ±20 mVMAX.
Inputting analog display signals that been
γ -processed in the previous stage signal
processing circuit allows realization of a high definition 256-gray-scale-equivalent full color display without requiring line
inversion.
FEATURES
•4
× 3 (RGB)-channel analog input allows display signal input wiring to be reduced.
•
High dynamic range (10.0 VP-PMIN. VDD2 = 11.0 V)
•
High accuracy sample & hold circuits (output deviation; ±20 mVMAX., ±5.0 mVTYP.)
•
High-speed sampling frequency (for both analog and digital; fmax.
= 20 MHzMIN.)
•
Low power control (reduction of output buffer bias current) function on chip
(operating power consumption; 82 mWTYP., VDD2
= 12.5 V)
•
Bi-directional data store function on chip
•
Corresponding to high-density mounting (slim TCP)
ORDERING INFORMATION
Part Number
Package
µPD16602N- × × ×
TCP


Similar Part No. - UPD16602

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16602 RENESAS-UPD16602 Datasheet
231Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD166020T1F RENESAS-UPD166020T1F Datasheet
383Kb / 25P
MOS INTEGRATED CIRCUIT
UPD166020T1F-E1-AY RENESAS-UPD166020T1F-E1-AY Datasheet
383Kb / 25P
MOS INTEGRATED CIRCUIT
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
UPD166021T1F-E1-AY RENESAS-UPD166021T1F-E1-AY Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD16602

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16633B NEC-UPD16633B Datasheet
108Kb / 20P
312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
240-OUTPUT TFT-LCD GATE DRIVER
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16602 RENESAS-PD16602_15 Datasheet
232Kb / 18P
312-OUTPUT TFT-LCD FULL COLOR DRIVER
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Purdy Electronics Corpo...
AND-TFT-104TS PURDY-AND-TFT-104TS Datasheet
1,008Kb / 15P
color TFT-LCD
logo
Crystalfontz America, I...
CFAF800480C1-050T CRYSTAIFONTZ-CFAF800480C1-050T Datasheet
1Mb / 19P
FULL COLOR TFT LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com