Electronic Components Datasheet Search
  English  ▼

X  

IRF9410 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF9410
Description  Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9410 Datasheet(HTML) 4 Page - International Rectifier

  IRF9410 Datasheet HTML 1Page - International Rectifier IRF9410 Datasheet HTML 2Page - International Rectifier IRF9410 Datasheet HTML 3Page - International Rectifier IRF9410 Datasheet HTML 4Page - International Rectifier IRF9410 Datasheet HTML 5Page - International Rectifier IRF9410 Datasheet HTML 6Page - International Rectifier IRF9410 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF9410
Fig 5. Normalized On-Resistance
Vs. Temperature
Fig 8. Maximum Avalanche Energy
Vs. Drain Current
0
40
80
120
160
200
25
50
75
100
125
150
J
A
Starting T , Junction Temperature (°C)
I
TOP
2.1A
3.7A
BOTTOM
4.6A
D
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
7.0A
0.02
0.03
0.04
0.05
0
5
10
15
20
25
A
I
, Drain Current (A)
V
= 10V
V
= 4.5V
D
GS
GS
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
36
9
1 2
1 5
A
I
= 7. 0A
D
GS
V
- Gate-to-Source V olta ge (V )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com