Electronic Components Datasheet Search
  English  ▼

X  

IRF9410 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9410
Description  Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9410 Datasheet(HTML) 1 Page - International Rectifier

  IRF9410 Datasheet HTML 1Page - International Rectifier IRF9410 Datasheet HTML 2Page - International Rectifier IRF9410 Datasheet HTML 3Page - International Rectifier IRF9410 Datasheet HTML 4Page - International Rectifier IRF9410 Datasheet HTML 5Page - International Rectifier IRF9410 Datasheet HTML 6Page - International Rectifier IRF9410 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRELIMINARY
HEXFET® Power MOSFET
PD - 9.1562A
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
9/15/97
SO-8
VDSS = 30V
RDS(on) = 0.030Ω
l Generation V Technology
l Ultra Low On-Resistance
l N-Channel MOSFET
l Surface Mount
l Very Low Gate Charge and
Switching Losses
l Fully Avalanche Rated
IRF9410
Description
Top V iew
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Recommended upgrade: IRF7403 or IRF7413
Lower profile/smaller equivalent: IRF7603
Symbol
Maximum
Units
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
± 20
TA = 25°C
7.0
TA = 70°C
5.8
Pulsed Drain Current
IDM
37
Continuous Source Current (Diode Conduction)
IS
2.8
TA = 25°C
2.5
TA = 70°C
1.6
Single Pulse Avalanche Energy
‚
EAS
70
mJ
Avalanche Current
IAR
4.2
A
Repetitive Avalanche Energy
EAR
0.25
mJ
Peak Diode Recovery dv/dt
ƒ
dv/dt
5.0
V/ ns
Junction and Storage Temperature Range
TJ, TSTG
-55 to + 150
°C
Thermal Resistance Ratings
Parameter
Symbol
Limit
Units
Maximum Junction-to-Ambient
…
RθJA
50
°C/W
Absolute Maximum Ratings ( TA = 25°C Unless Otherwise Noted)
Continuous Drain Current
…
Maximum Power Dissipation
…
A
ID
PD
V
W


Similar Part No. - IRF9410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9410PBF IRF-IRF9410PBF Datasheet
170Kb / 7P
HEXFET짰 Power MOSFET
IRF9410PBF IRF-IRF9410PBF Datasheet
175Kb / 7P
GENERATION V TECHNOLOGY
IRF9410PBF IRF-IRF9410PBF_15 Datasheet
175Kb / 7P
GENERATION V TECHNOLOGY
IRF9410TRPBF IRF-IRF9410TRPBF Datasheet
175Kb / 7P
GENERATION V TECHNOLOGY
More results

Similar Description - IRF9410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF7607 IRF-IRF7607 Datasheet
77Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com