Electronic Components Datasheet Search
  English  ▼

X  

IRF9410 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF9410
Description  Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9410 Datasheet(HTML) 6 Page - International Rectifier

  IRF9410 Datasheet HTML 1Page - International Rectifier IRF9410 Datasheet HTML 2Page - International Rectifier IRF9410 Datasheet HTML 3Page - International Rectifier IRF9410 Datasheet HTML 4Page - International Rectifier IRF9410 Datasheet HTML 5Page - International Rectifier IRF9410 Datasheet HTML 6Page - International Rectifier IRF9410 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF9410
Package Outline
SO8 Outline
SO8
Part Marking Information
K x 45°
C
8X
L
8X
θ
H
0.25 (.01 0)
M
A M
A
0.10 (.0 04)
B 8X
0.25 ( .010)
M
C A S B S
- C -
6X
e
- B -
D
E
- A -
8
7
6
5
1
2
3
4
5
6
5
RE CO MM EN DE D F O O T PR IN T
0.72 (.028 )
8X
1.78 (.07 0)
8X
6.46 ( .255 )
1.27 ( .0 50 )
3X
DIM
IN C H E S
M IL L IM E T E R S
M IN
M A X
M IN
M A X
A
.0532
. 0688
1.35
1.75
A 1
.0040
. 0098
0.10
0.25
B
.014
. 018
0.36
0.46
C
.0075
.0 09 8
0.19
0.25
D
.189
.1 96
4.80
4.98
E
.150
. 157
3.81
3.99
e
.050 B A S IC
1.27 B A S IC
e1
.025 B A S IC
0.635 B A S IC
H
.2284
.2 44 0
5.80
6.20
K
.011
. 019
0.28
0.48
L
0.16
.050
0.41
1.27
θ
0 °
8°
0 °
8 °
N OT ES:
1. D IME N S IO N IN G AN D T O LE R A N C IN G PE R A N S I Y 14.5M- 1982.
2. C O NT RO LLING D IME NS IO N : IN CH.
3. D IME N S IO N S A R E S H O W N IN M ILLIME T ER S (IN C H E S) .
4. O U TLIN E CO NF O R M S T O JE DE C O U TLIN E MS -01 2AA .
DIM ENS IO N DO ES NO T INCLU D E M OL D P R O T RUS IO NS
MO LD PR O TR U SIO N S N O T T O E XC EE D 0.25 (.006).
D IM EN S IO N S IS T H E LE N G T H O F LE AD F O R SO LD E R IN G T O A S U B ST R A T E..
5
6
A1
e1
EXAM PL E :
TH IS IS AN IR F 7 101
DA T E CO DE (Y W W )
Y = LAST D IG IT O F T H E YEAR
WW = WE E K
W A F E R
L O T
C O D E
(L AST 4 D IG IT S )
XXXX
BO T TO M
PAR T N U M BER
TOP
IN T E RNA TI ON A L
R E C T IF IE R
L O G O
F 7 101
312
θ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com