Electronic Components Datasheet Search
  English  ▼

X  

PS8101 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS8101
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8101 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS8101 Datasheet HTML 1Page - Renesas Technology Corp PS8101 Datasheet HTML 2Page - Renesas Technology Corp PS8101 Datasheet HTML 3Page - Renesas Technology Corp PS8101 Datasheet HTML 4Page - Renesas Technology Corp PS8101 Datasheet HTML 5Page - Renesas Technology Corp PS8101 Datasheet HTML 6Page - Renesas Technology Corp PS8101 Datasheet HTML 7Page - Renesas Technology Corp PS8101 Datasheet HTML 8Page - Renesas Technology Corp PS8101 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet PN10260EJ06V0DS
4
PS8101
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 16 mA
1.7
2.2
V
Reverse Current
IR
VR = 3 V
10
μA
Forward Voltage
Temperature Coefficient
ΔVF/ΔTA IF = 16 mA
−2.1
mV/
°C
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Detector
High Level Output Current
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
3
500
nA
High Level Output Current
IOH (2)
IF = 0 mA, VCC = VO = 30 V
100
μA
Low Level Output Voltage
VOL
IF = 16 mA, VCC = 4.5 V, IO = 1.2 mA
0.1
0.4
V
Low Level Supply Current
ICCL
IF = 16 mA, VO = open, VCC = 30 V
50
μA
High Level Supply Current
ICCH
IF = 0 mA, VO = open, VCC = 30 V
0.01
2
Coupled
Current Transfer Ratio
*1
CTR
IF = 16 mA, VCC = 4.5 V, VO = 0.4 V
15
20
35
%
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Propagation Delay Time
(H
→ L)*2
tPHL
IF = 16 mA, VCC = 5 V, RL = 2.2 k
Ω,
CL = 15 pF
0.5
0.8
μs
Propagation Delay Time
(L
→ H)*2
tPLH
0.6
1.2
Common Mode
Transient Immunity at
High Level Output
*3
CMH
IF = 0 mA, VCC = 5 V, RL = 4.1 k
Ω,
VCM = 1.5 kV
15
kV/
μs
Common Mode
Transient Immunity at
Low Level Output
*3
CML
IF = 16 mA, VCC = 5 V, RL = 4.1 k
Ω,
VCM = 1.5 kV
−15
*1 CTR rank
K : 20 to 35 (%)
N : 15 to 35 (%)
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com