Electronic Components Datasheet Search
  English  ▼

X  

PS8101 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS8101
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8101 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS8101 Datasheet HTML 1Page - Renesas Technology Corp PS8101 Datasheet HTML 2Page - Renesas Technology Corp PS8101 Datasheet HTML 3Page - Renesas Technology Corp PS8101 Datasheet HTML 4Page - Renesas Technology Corp PS8101 Datasheet HTML 5Page - Renesas Technology Corp PS8101 Datasheet HTML 6Page - Renesas Technology Corp PS8101 Datasheet HTML 7Page - Renesas Technology Corp PS8101 Datasheet HTML 8Page - Renesas Technology Corp PS8101 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet PN10260EJ06V0DS
3
PS8101
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS8101
PS8101-A
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS8101
PS8101-F3
PS8101-F3-A
(SnBi)
Embossed Tape 2 500 pcs/reel
(UL, CSA approved)
PS8101-F4
PS8101-F4-A
PS8101-V
PS8101-V-A
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS8101-V-F3
PS8101-V-F3-A
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
PS8101-V-F4
PS8101-V-F4-A
Approved (Option)
PS8101
PS8101-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS8101-F3
PS8101-F3-AX
(Ni/Pd/Au)
Embossed Tape 2 500 pcs/reel
(UL, CSA approved)
PS8101-F4
PS8101-F4-AX
PS8101-V
PS8101-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS8101-V-F3
PS8101-V-F3-AX
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
PS8101-V-F4
PS8101-V-F4-AX
Approved (Option)
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
*1
PD
45
mW
Detector
Supply Voltage
VCC
35
V
Output Voltage
VO
35
V
Output Current
IO
8.0
mA
Power Dissipation
*2
PC
100
mW
Isolation Voltage
*3
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +100
°C
Storage Temperature
Tstg
–55 to +125
°C
*1 Reduced to 0.45 mW/
°C at TA = 25°C or more.
*2 Reduced to 1.00 mW/
°C at TA = 25°C or more.
*3 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-5 shorted together.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com