Electronic Components Datasheet Search
  English  ▼

X  

PS8101 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS8101
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8101 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS8101 Datasheet HTML 1Page - Renesas Technology Corp PS8101 Datasheet HTML 2Page - Renesas Technology Corp PS8101 Datasheet HTML 3Page - Renesas Technology Corp PS8101 Datasheet HTML 4Page - Renesas Technology Corp PS8101 Datasheet HTML 5Page - Renesas Technology Corp PS8101 Datasheet HTML 6Page - Renesas Technology Corp PS8101 Datasheet HTML 7Page - Renesas Technology Corp PS8101 Datasheet HTML 8Page - Renesas Technology Corp PS8101 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS8101
1 Mbps HIGH CMR ANALOG OUTPUT TYPE
5-PIN SOP (SO-5) PHOTOCOUPLER
Document No. PN10260EJ06V0DS (6th edition)
Date Published August 2009 NS
Printed in Japan
−NEPOC Series−
2003, 2009
DESCRIPTION
The PS8101 is an optically coupled isolator containing a GaAlAs LED on the light emitting diode (input side) and a
PIN photodiode and a high-speed amplifier transistor on the output side on one chip.
This is a plastic SOP (Small Out-line Package) type for high density applications.
FEATURES
• High common mode transient immunity (CMH, CML =
±15 kV/
μs MIN.)
• Small package (SO-5)
• High supply voltage (VCC = 35 V)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• High-speed response (tPHL = 0.8
μs MAX., tPLH = 1.2 μs MAX.)
• Ordering number of taping product: PS8101-F3, F4: 2 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40008902 (Option)
APPLICATIONS
• Computer and peripheral manufactures
• General purpose inverter
• Substitutions for relays and pulse transformers
• Power supply
PIN CONNECTION
(Top View)
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
53
12
4
<R>
<R>


Similar Part No. - PS8101

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8101 NEC-PS8101 Datasheet
126Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101 Datasheet
250Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
429Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS8101

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9115 CEL-PS9115 Datasheet
266Kb / 14P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101_16 Datasheet
429Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com