Electronic Components Datasheet Search
  English  ▼

X  

UPD16655 Datasheet(PDF) 4 Page - NEC

Part # UPD16655
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16655 Datasheet(HTML) 4 Page - NEC

  UPD16655 Datasheet HTML 1Page - NEC UPD16655 Datasheet HTML 2Page - NEC UPD16655 Datasheet HTML 3Page - NEC UPD16655 Datasheet HTML 4Page - NEC UPD16655 Datasheet HTML 5Page - NEC UPD16655 Datasheet HTML 6Page - NEC UPD16655 Datasheet HTML 7Page - NEC UPD16655 Datasheet HTML 8Page - NEC UPD16655 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet S11950EJ2V0DS00
4
µµµµ PD16655
3. PIN FUNCTIONS
SYMBOL
PIN NAME
I/O
DESCRIPTION
O1 to O240
Driver Output
These pins output scan signals that drive the vertical
direction (gate lines) of a TFT-LCD. The output signals
change in synchronization with the rising edge of shift
clock CLK. The driver output amplitude is VDD2 - VEE2.
VSS/VCC or
VDD1/VEE1 (input)
This is the input of the internal shift register. The input
date is read at the rising edge of shift clock CLK, and
scan signals are output from the O1 through O120 pins.
The input level is a VCC/VSS or VDD1 - VEE1 level.
STVR
STVL
Start Pulse Input/Output
VDD1/VEE1 (output)
This pin outputs a start pulse to the
µ PD16655 at the
next stage when two or more
µ PD16655s are connected
in cascade.
The pulse is output at the falling edge of the 240th clock
of shift clock CLK, and is cleared at the falling edge of the
241st clock.
R,/L
Shift Direction Select Input
VSS/VCC or
VDD1/VEE1
R,/L = “H” (right shift): STVR
→ O1 → O240 → STVL
R,/L = “L” (left shift): STVL
→ O240 → O1 → STVR
CLK
Shift Clock Input
VSS/VCC
This pin inputs a shift clock to the internal shift register.
The shift operation is performed in synchronization with
the rising edge of this input.
OE
Output Enable Input
VSS/VCC
When this pin goes “H”, the driver output is fixed to “L”.
The shift register is not cleared, however. The internal
logic operates even when OE = “H”. OE is in
asynchronization with the clock.
VDD1
Logic Positive Power Supply
10 V to 25 V
VDD2
Driver Positive Power Supply
10 V to 25 V
VCC
Reference Positive Power
Supply
3.0 to 5.5 V Reference voltage to level shifter LS.
VSS
Reference Negative Power
Supply
Connect this pin to the ground of the system.
VEE1
Logic Negative Power Supply
–21 V to –3 V
VEE2
Driver Negative Power Supply
–21 V to VDD2 – 15 V
Cautions 1. To prevent latch up, turn on power to VCC, VEE1-VEE2, VDD1-VDD2, and logic input in this order. Turn
off power in the reverse order. These power up/down sequence must be observed also during
transition period.
2. Insert a capacitor of about 0.1
µµµµ F between each power line, as shown below, to secure
noise margin such as VIH and VIL, because the internal logic operates on a high voltage
level. (VDD = VDD1 = VDD2)
VDD
VCC
0.1 F
VSS
VEE
0.1 F
0.1 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com