Electronic Components Datasheet Search
  English  ▼

X  

UPD16655 Datasheet(PDF) 7 Page - NEC

Part # UPD16655
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16655 Datasheet(HTML) 7 Page - NEC

Back Button UPD16655 Datasheet HTML 3Page - NEC UPD16655 Datasheet HTML 4Page - NEC UPD16655 Datasheet HTML 5Page - NEC UPD16655 Datasheet HTML 6Page - NEC UPD16655 Datasheet HTML 7Page - NEC UPD16655 Datasheet HTML 8Page - NEC UPD16655 Datasheet HTML 9Page - NEC UPD16655 Datasheet HTML 10Page - NEC UPD16655 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet S11950EJ2V0DS00
7
µµµµ PD16655
ELECTRICAL CHARACTERISTICS (TA = –30 to +85 °C, VDD1 = VDD2 = 22 V, VEE1 = VEE2 = –9 V, VSS = 0 V,
VCC = 2.7 V or 5.5 V)
Parameter
Symbol
Condition
MIN
TYP.
MAX.
Unit
High-Level Input Voltage
VIH
0.7 VCC
VDD1
V
Low-Level Input Voltage
VIL
VEE1
0.3 VCC
V
High-Level Output Voltage
VOH
STVR-STVL, without load
VDD1 – 0.05
VDD1
V
Low-Level Output Voltage
VOL
STVR-STVL, without load
VEE1
VEE1 + 0.05
V
High-Level Output Driver
Current
IXOH
Driver output, VO = VDD2 – 1.0 V
–2.0
mA
IXOL1
Driver output, VO = VEE2 + 1.0 V
2.0
mA
Low-Level Output Driver
Current
IXOL2
Driver output, VO = VEE2 + 1.0 V,
VEE2 = VDD – 15 V
1.5
mA
RON1
VO = VEE2 + 1.0 V, VDD2 – 1.0 V
500
Ω
LCD Driver Output ON
Resistance
RON2
VO = VEE2 + 1.0 V, VDD2 – 1.0
V,
VEE2 = VDD – 15 V
700
Ω
High-Level Output Pulse
Current
IPOH
STVR-STVL, VO = VDD1 – 1.0 V
–2.0
mA
Low-Level Output Pulse
Current
IPOL
STVR-STVL, VO = VEE1 + 1.0 V
2.0
mA
Input Leak Current
IIL
VI = 0 V or 3 V or 5 V
±1
µ A
IDD
VDD1, VDD2 pin, fCLK = 31.5 kHz
400
800
µ A
IEE
VEE1, VEE2 pin, fCLK = 31.5 kHz
–400
–800
µ A
Static Current Dissipation
ICC
VCC pin, fCLK = 31.5 kHz
50
µ A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com