Electronic Components Datasheet Search
  English  ▼

X  

UPD16655 Datasheet(PDF) 6 Page - NEC

Part # UPD16655
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16655 Datasheet(HTML) 6 Page - NEC

Back Button UPD16655 Datasheet HTML 2Page - NEC UPD16655 Datasheet HTML 3Page - NEC UPD16655 Datasheet HTML 4Page - NEC UPD16655 Datasheet HTML 5Page - NEC UPD16655 Datasheet HTML 6Page - NEC UPD16655 Datasheet HTML 7Page - NEC UPD16655 Datasheet HTML 8Page - NEC UPD16655 Datasheet HTML 9Page - NEC UPD16655 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet S11950EJ2V0DS00
6
µµµµ PD16655
6. ELECTRICAL SPECIFICATION
Absolute Maximum Ratings (TA = 25°C, VSS = 0 V)
Parameter
Symbol
Ratings
Unit
Logic Positive Supply Voltage
VDD1
–0.5 to +28
V
Driver Positive Supply Voltage
VDD2
–0.5 to +28
V
Reference Positive Power Supply Voltage
VCC
–0.5 to +7
V
Power Supply Voltage
VDD1-VEE1
VDD2-VEE2
–0.5 to +33
V
Logic Negative Supply Voltage
VEE1
–23 to +0.5
V
Driver Negative Supply Voltage
VEE2
–23 to +0.5
V
Input Voltage
VI
VEE1 – 0.5 to VDD1 + 0.5
V
Input Current
II
±10
mA
Output Current
IO
±10
mA
Operating Temperature Range
TA
–30 to +85
°C
Storage Temperature Range
Tstg
–55 to +125
°C
Caution If the absolute maximum rating of even one of the above parameters is exceeded even
momentarily, the quality of the product may be degraded. Absolute maximum ratings, therefore,
specify the values exceeding which the product may be physically damaged. Be sure to use the
product within the range of the absolute maximum ratings.
Recommended Operating Range (TA = –30 to 85°C, VSS = 0 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Logic Positive Supply Voltage
VDD1
10
25
V
Driver Positive Supply Voltage
VDD2
10
25
V
Logic Negative Supply Voltage
VEE1
–21
–3
V
Driver Negative Supply Voltage
VEE2
–21
VDD2 – 15
V
Power Supply Voltage
VDD1-VEE1
VDD2-VEE2
15
31
V
Reference Positive Power Supply Voltage
VCC
2.7
5.5
V
Caution
Observe the following condition when shifting VEE2 (driver power).
Note that, in this case, the
guaranteed values of the output ON resistance and output fall time slightly change.
VEE1
≤≤≤≤ VEE2 ≤≤≤≤ VDD – 15 V (VDD1 or VDD2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com